Electronic Components Datasheet Search
  English  ▼

X  

LM2432 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2432
Description  220V Monolithic Single Channel 37 MHz HDTV CRT Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2432 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2432 Datasheet HTML 1Page - National Semiconductor (TI) LM2432 Datasheet HTML 2Page - National Semiconductor (TI) LM2432 Datasheet HTML 3Page - National Semiconductor (TI) LM2432 Datasheet HTML 4Page - National Semiconductor (TI) LM2432 Datasheet HTML 5Page - National Semiconductor (TI) LM2432 Datasheet HTML 6Page - National Semiconductor (TI) LM2432 Datasheet HTML 7Page - National Semiconductor (TI) LM2432 Datasheet HTML 8Page - National Semiconductor (TI) LM2432 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Typical Performance Characteristics (V
CC = +220V, VBB = +12V, CL = 10 pF, VOUT = 110VPP (80V
− 190V), Test Circuit - Figure 3, unless otherwise specified)
20137704
FIGURE 4. V
OUT vs VIN
20137723
FIGURE 5. LM2432 Pulse Response
20137720
FIGURE 6. Bandwidth
20137705
FIGURE 7. Speed vs Load Capacitance
20137708
FIGURE 8. Speed vs Offset
20137709
FIGURE 9. Speed vs Case Temperature
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com