Electronic Components Datasheet Search
  English  ▼

X  

LT3042 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3042
Description  20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator with VIOC Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3042 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3042 Datasheet HTML 5Page - Linear Technology LT3042 Datasheet HTML 6Page - Linear Technology LT3042 Datasheet HTML 7Page - Linear Technology LT3042 Datasheet HTML 8Page - Linear Technology LT3042 Datasheet HTML 9Page - Linear Technology LT3042 Datasheet HTML 10Page - Linear Technology LT3042 Datasheet HTML 11Page - Linear Technology LT3042 Datasheet HTML 12Page - Linear Technology LT3042 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
LT3045-1
9
30451fa
For more information www.linear.com/LT3045-1
TYPICAL PERFORMANCE CHARACTERISTICS
ILIM Pin Current
PGFB Rising Threshold
PGFB Hysteresis
Internal Current Limit
Programmable Current Limit
Programmable Current Limit
TJ = 25°C, unless otherwise noted.
RILIM = 0Ω
150°C
125°C
25°C
–55°C
INPUT-TO-OUTPUT DIFFERENTIAL (V)
0
2
4
6
8 10 12 14 16 18 20
0
100
200
300
400
500
600
700
800
900
1000
30451 G28
RILIM = 300Ω
VOUT = 0V
VIN = 2.5V
VIN = 12V
TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
0
100
200
300
400
500
600
700
800
900
1000
30451 G29
RILIM = 1.5k
VOUT = 0V
VIN = 2.5V
VIN = 12V
TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
0
20
40
60
80
100
120
140
160
180
200
30451 G30
VILIM = 0V
RSET = 13k
2.5VIN
5VIN
10VIN
OUTPUT CURRENT (mA)
0 50 100 150 200 250 300 350 400 450 500
0
100
200
300
400
500
600
700
800
900
1000
30451 G31
VIN = 2V
TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
290
292
294
296
298
300
302
304
306
308
310
30451 G32
VIN = 2V
TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
0
1
2
3
4
5
6
7
8
30451 G33
PG Output Low Voltage
PG Pin Leakage Current
ISET During Start-Up with Fast
Start-Up Enabled
VIN = 2V
VPGFB = 290mV
IPG = 100µA
TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
0
5
10
15
20
25
30
35
40
45
50
30451 G34
VPG = 2V
VPGFB = 310mV
TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
0
10
20
30
40
50
60
70
80
90
100
30451 G35
VIN = 2.5V
VPGFB = 290mV
VSET = 1.3V
TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
0
0.5
1.0
1.5
2.0
2.5
3.0
30451 G36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com