Electronic Components Datasheet Search
  English  ▼

X  

LT3042 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3042
Description  20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator with VIOC Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3042 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3042 Datasheet HTML 9Page - Linear Technology LT3042 Datasheet HTML 10Page - Linear Technology LT3042 Datasheet HTML 11Page - Linear Technology LT3042 Datasheet HTML 12Page - Linear Technology LT3042 Datasheet HTML 13Page - Linear Technology LT3042 Datasheet HTML 14Page - Linear Technology LT3042 Datasheet HTML 15Page - Linear Technology LT3042 Datasheet HTML 16Page - Linear Technology LT3042 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
LT3045-1
13
30451fa
For more information www.linear.com/LT3045-1
PIN FUNCTIONS
IN (Pins 1, 2): Input. These pins supply power to the
regulator. The LT3045-1 requires a bypass capacitor at the
IN pin. In general, a battery’s output impedance rises with
frequency,soincludeabypasscapacitorinbattery-powered
applications. While a 4.7µF input bypass capacitor gener-
ally suffices, applications with large load transients may
require higher input capacitance to prevent input supply
droop.ConsulttheApplicationsInformationsectiononthe
proper use of an input capacitor and its effect on circuit
performance,inparticularPSRR.TheLT3045-1withstands
reversevoltagesonINwithrespecttoGND,OUTSandOUT.
In the case of a reversed input, which occurs if a battery
is plugged-in backwards, the LT3045-1 acts as if a diode
is in series with its input. Hence, no reverse-current flows
into the LT3045-1 and no negative voltage appears at the
load. The device protects itself and the load.
VIOC (Pin 3): Voltage for Input-to-Output Control. The
LT3045-1 incorporates a tracking function to control the
switching pre-regulator powering the LT3045-1. The VIOC
pinistheoutputofthistrackingfunctionthatdrivesthepre-
regulator’s feedback (FB) pin to maintain the LT3045-1’s
input voltage at VOUT + VVIOC. This function minimizes
power dissipation while maintaining PSRR performance.
See Applications Information section for details.
EN/UV (Pin 4): Enable/UVLO. Pulling the LT3045-1’s EN/
UV pin low places the part in shutdown. Quiescent current
in shutdown drops to less than 1µA and the output volt-
age turns off. Alternatively, the EN/UV pin can set an input
supply undervoltage lockout (UVLO) threshold using a
resistordividerbetweenIN,EN/UVandGND.TheLT3045-1
typically turns on when the EN/UV voltage exceeds 1.24V
on its rising edge, with a 130mV hysteresis on its falling
edge. The EN/UV pin can be driven above the input voltage
and maintain proper functionality. If unused, tie EN/UV to
IN. Do not float the EN/UV pin.
PG (Pin 5): Power Good. PG is an open-collector flag that
indicates output voltage regulation. PG pulls low if PGFB
is below 300mV. If the power good functionality is not
needed, float the PG pin. A parasitic substrate diode exists
between PG and GND pins of the LT3045-1; do not drive
PG more than 0.3V below GND during normal operation
or during a fault condition.
ILIM(Pin6):CurrentLimitProgrammingPin.Connectinga
resistorbetweenILIMandGNDprogramsthecurrentlimit.
For best accuracy, Kelvin connect this resistor directly to
the LT3045-1’s GND pin. The programming scale factor
is nominally 150mA•kΩ. The ILIM pin sources current
proportional (1:500) to output current; therefore, it also
serves as a current monitoring pin with a 0V to 300mV
range. If the programmable current limit functionality is
not needed, tie ILIM to GND. A parasitic substrate diode
exists between ILIM and GND pins of the LT3045-1; do
not drive ILIM more than 0.3V below GND during normal
operation or during a fault condition.
PGFB (Pin 7): Power Good Feedback. The PG pin pulls
high if PGFB increases beyond 300mV on its rising edge,
with 7mV hysteresis on its falling edge. Connecting an
external resistor divider between OUT, PGFB and GND
sets the programmable power good threshold with the
following transfer function: 0.3V • (1 + RPG2/RPG1). As
discussed in the Applications Information section, PGFB
also activates the fast start-up circuitry. Tie PGFB to IN
if power good and fast start-up functionalities are not
needed, and if reverse input protection is additionally
required, tie the anode of a 1N4148 diode to IN and its
cathode to PGFB. See the Typical Applications section for
details. A parasitic substrate diode exists between PGFB
and GND pins of the LT3045-1; do not drive PGFB more
than 0.3V below GND during normal operation or during
a fault condition.
SET (Pin 8): SET. This pin is the inverting input of the er-
ror amplifier and the regulation set-point for the LT3045-
1. SET sources a precision 100µA current that flows
through an external resistor connected between SET and
GND. The LT3045-1’s output voltage is determined by
VSET = ISET • RSET. Output voltage range is from zero to
15V. Adding a capacitor from SET to GND improves noise,
PSRR and transient response at the expense of increased
start-up time. For optimum load regulation, Kelvin con-
nect the ground side of the SET pin resistor directly to
the load. A parasitic substrate diode exists between SET
and GND pins of the LT3045-1; do not drive SET more
than 0.3V below GND during normal operation or during
a fault condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com