Electronic Components Datasheet Search
  English  ▼

X  

LT3060 Datasheet(PDF) 23 Page - Linear Technology

Part # LT3060
Description  45V VIN, 500mA Low Noise, Linear Regulator with Programmable Current Limit and Power Good
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3060 Datasheet(HTML) 23 Page - Linear Technology

Back Button LT3060 Datasheet HTML 19Page - Linear Technology LT3060 Datasheet HTML 20Page - Linear Technology LT3060 Datasheet HTML 21Page - Linear Technology LT3060 Datasheet HTML 22Page - Linear Technology LT3060 Datasheet HTML 23Page - Linear Technology LT3060 Datasheet HTML 24Page - Linear Technology LT3060 Datasheet HTML 25Page - Linear Technology LT3060 Datasheet HTML 26Page - Linear Technology LT3060 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
LT3065 Series
23
3065fc
For more information www.linear.com/LT3065
Typical applicaTions
LED Driver/Current Source
LT3065
2k
22nF
OUT
IN
PWRGD
SHDN
IMAX
100k
I = 100mA
6
LED
10nF
10µF
3065 TA05
GND
REF/BYP
ADJ
5V
IN
OPEN-LED
INDICATOR
SHDN
ILIM = 150mA
Current Monitor
RIMAX
TO ADC
LT3065
IMAX
3065 TA04
RIMAX =
600mV
IOUT(MAX)
⎛
⎝
⎜
⎜
⎞
⎠
⎟
⎟ • 500
VLIM =
IOUT
500
•RIMAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com