Electronic Components Datasheet Search
  English  ▼

X  

LT3060 Datasheet(PDF) 27 Page - Linear Technology

Part # LT3060
Description  45V VIN, 500mA Low Noise, Linear Regulator with Programmable Current Limit and Power Good
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3060 Datasheet(HTML) 27 Page - Linear Technology

Back Button LT3060 Datasheet HTML 20Page - Linear Technology LT3060 Datasheet HTML 21Page - Linear Technology LT3060 Datasheet HTML 22Page - Linear Technology LT3060 Datasheet HTML 23Page - Linear Technology LT3060 Datasheet HTML 24Page - Linear Technology LT3060 Datasheet HTML 25Page - Linear Technology LT3060 Datasheet HTML 26Page - Linear Technology LT3060 Datasheet HTML 27Page - Linear Technology LT3060 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
LT3065 Series
27
3065fc
For more information www.linear.com/LT3065
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
revision hisTory
REV
DATE
DESCRIPTION
PAGE NUMBER
A
7/14
Added fixed voltage options and related specs, curves, pin functions, text
Modified pinouts to accommodate new fixed voltage options
Added specification for Absolute Maximum SENSE pin voltage
Modified Bypass Capacitance section
Throughout
2
2
10
B
11/14
Fixed pin function description
13
C
05/17
Corrected Input Ripple Rejection graph; changed 100nF to 100pF
Added bypass capacitor to LED Driver Application circuit
9
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com