Electronic Components Datasheet Search
  English  ▼

X  

LTC2000A Datasheet(PDF) 26 Page - Linear Technology

Part # LTC2000A
Description  16-/14-/11-Bit 2.7Gsps DACs
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2000A Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC2000A Datasheet HTML 22Page - Linear Technology LTC2000A Datasheet HTML 23Page - Linear Technology LTC2000A Datasheet HTML 24Page - Linear Technology LTC2000A Datasheet HTML 25Page - Linear Technology LTC2000A Datasheet HTML 26Page - Linear Technology LTC2000A Datasheet HTML 27Page - Linear Technology LTC2000A Datasheet HTML 28Page - Linear Technology LTC2000A Datasheet HTML 29Page - Linear Technology LTC2000A Datasheet HTML 30Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 54 page
background image
LTC2000A
26
2000afb
For more information www.linear.com/LTC2000A
OPERATION
Table 3. DAC Sample Clock, and Divided Clock Output SPI Registers
ADDRESS
BIT
NAME
DESCRIPTION
0x02
0
CK_PD
CKP/N Clock Receiver Power Down When CK_PD = 1
1
CK_OK
CKP/N Clock Present Indicator. When CK_OK = 1, clock is present at CKP/N pins and fDAC > 50MHz.
When CK_OK = 0, DAC output is forced to mid-scale. CK_OK is read only.
4
DCKO_DIS DCKOP/N Output Disable. Set DCKO_DIS = 1 to power down the DCKO LVDS transmitter. For DCKO_DIS = 1,
DCKOP/N are high impedance.
5
DCKO_DIV DCKOP/N Divide Select. When DCKO_DIV = 0, fDCKOP/N = fDAC/4. When DCKO_DIV = 1, fDCKOP/N = fDAC/2.
6
DCKO_ISEL DCKOP/N Output Current Select. When DCKO_ISEL = 0, output current is 3.5mA. When DCKO_ISEL = 1,
output current is 7mA.
7
DCKO_TRM DCKOP/N Internal Termination On. When DCKO_TRM = 0, there is no internal termination at DCKOP/N.
When DCKO_TRM = 1, there is 100 between DCKOP and DCKON.
Note: Register 0x02 resets to 0x00 (default).
voltage swing of the DAC. For example, loading both IOUTP
and IOUTN with external 50 resistors to GND will cause
RLOAD to equal 25. Assuming an IOUTFS of 40mA, VDIFF
will swing between 1V and –1V.
The specified output compliance voltage range is ±1V.
Above 1V, the differential current steering switches will
start to approach the transition from saturation to linear
region and degrade DAC linearity. Below –1V protection
diodes will limit the swing of the DAC. Small voltage
swings and low common-mode voltages typically result
in the best distortion performance.
DAC Sample Clock (CKP/N)
The DAC sample clock (CKP/N) is used to update the
LTC2000A outputs at rates of up to 2.7Gsps. Provide a
clean, low jitter differential clock at up to 2.7GHz on pins
CKP/N (see Generating the DAC Sample Clock section).
The DC bias point of CKP/N is set internally through a
5k impedance. A 0dBm DAC sample clock should be
sufficient to obtain the performance shown in the Typical
Performance Characteristics section. For best jitter and
phasenoise,ACcoupleadifferentialclockontoCKP/Nwith
balanced duty cycle and the highest possible amplitude
and slew rate.
Use SPI register 0x02 to control the DAC sample clock
receiver(Table3).TheLTC2000Acontainsaclockdetector
which sets CK_OK = 1 if the DAC sample clock is present
and fDAC > 50MHz. When the sample clock is not present
(CK_OK = 0), the DAC output is forced to mid-scale and
the internal data path is held at reset. Set CK_PD = 1 to
power down the clock receiver and save power when the
DAC is not being used. Note that at power-on reset, the
DAC sample clock receiver is on by default.
Divided Clock Output (DCKOP/N)
The LTC2000A contains a programmable clock divider
and LVDS transmitter which provide a divided version
(either fDAC/4 or fDAC/2) of the DAC sample clock for
use by the host FPGA or ASIC. Use SPI register 0x02 to
control DCKOP/N (Table 3). At power-on reset, the LVDS
transmitter will provide a clock signal at fDAC/4 with a
3.5mA differential output current.
If desired, set DCKO_DIV = 1 to change the divided clock
output frequency to fDAC/2. The output current can be in-
creased to 7mA by setting DCKO_ISEL = 1, and an internal
100 differential termination can be enabled by setting
DCKO_TRM = 1. Set DCKO_DIS = 1 to disable the LVDS
transmitter and save power when not in use.
LVDS Data Clock Input (DCKIP/N)
The DAC code data written to the LTC2000A is captured
on both the rising and falling edges of DCKIP/N. For
single-port operation, provide a DDR clock at half the DAC
sample clock frequency (fDCKI = fDAC/2). To use a 1.35GHz
sample clock in single-port mode, provide a 675MHz
clock on DCKIP/N. For dual-port operation, provide a
DDR clock at one quarter the DAC sample clock frequency
(fDCKI = fDAC/4). To use a 2.7GHz sample clock in dual-port
mode, provide a 675MHz clock on DCKIP/N.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com