Electronic Components Datasheet Search
  English  ▼

X  

LTC2000A Datasheet(PDF) 33 Page - Linear Technology

Part # LTC2000A
Description  16-/14-/11-Bit 2.7Gsps DACs
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2000A Datasheet(HTML) 33 Page - Linear Technology

Back Button LTC2000A Datasheet HTML 29Page - Linear Technology LTC2000A Datasheet HTML 30Page - Linear Technology LTC2000A Datasheet HTML 31Page - Linear Technology LTC2000A Datasheet HTML 32Page - Linear Technology LTC2000A Datasheet HTML 33Page - Linear Technology LTC2000A Datasheet HTML 34Page - Linear Technology LTC2000A Datasheet HTML 35Page - Linear Technology LTC2000A Datasheet HTML 36Page - Linear Technology LTC2000A Datasheet HTML 37Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
LTC2000A
33
2000afb
For more information www.linear.com/LTC2000A
OPERATION
Measuring Internal Junction Temperature (TJ)
TheLTC2000Atestmultiplexermayalsobeusedtoconnect
internal junction temperature measurement diodes to the
TSTP/N pins. Ensure LMX_EN = 0 (register address 0x18)
and use SPI register 0x19 to set TDIO_EN = 1 to enable
this function (Table 9). There are two methods the user can
choose from to measure internal junction temperature (TJ).
For TDIO_SEL = 0, an unbiased NPN transistor is diode-
connectedbetweentheTSTP/Npinswithaseriesresistance
of approximately 350Ω. This diode is suitable for use with
external temperature sensors which offer series resistance
cancellation such as the LTC2991 or LTC2997.
If such a temperature sensor is not available, set
TDIO_SEL=1todirectlyobserveatemperaturedependent
voltage between TSTP and TSTN. The typical expected
voltageatTSTPisVTSTP=2.02V–5.5mV/°C•(TJ–25°C).
The junction temperature can be calculated as TJ=25°C+
(2.02V – VTSTP)/(5.5mV/°C). For best accuracy with
TDIO_SEL = 1, use TSTN to sense GND at the bottom of
the diode and calibrate the voltage at a known tempera-
ture. Typical uncalibrated accuracy is ±5°C.
Pattern Generator
A 64 sample deep pattern generator is included in the
LTC2000A to simplify system development and debug. The
patterngeneratorallowstheusertosendarepeating64sample
pattern to the DAC, completely independent of the presence
or absence of valid signals on DCKIP/N, DAP/N, and DBP/N.
Table 9. Internal Junction Temperature SPI Registers
ADDRESS
BIT
NAME
DESCRIPTION
0x19
0
TDIO_EN TSTP/N Junction Temperature Diode Enable. Set TDIO_EN = 1 to measure internal junction temperature (TJ) at TSTP/N.
Ensure LMX_EN = 0 when TDIO_EN = 1.
1
TDIO_SEL Selects which internal temperature diode is observable at TSTP/N.
For TDIO_SEL = 1, the typical voltage at TSTP with respect to TSTN is VTSTP = 2.02V – 5.5mV/°C • (TJ – 25ºC).
Junction temperature can be calculated as TJ = 25°C + (2.02V – VTSTP)/(5.5mV/°C). Typical accuracy is ±5°C.
For TDIO_SEL = 0, an unbiased diode is connected b/w TSTP/N for use with external temperature sensors.
Note: Register 0x19 resets to 0x00 (default).
To use this feature, do the following:
1. Set DCKO_DIV = 0 in register 0x02, DATA_SP = 0 and
DATA_EN = 0 in register 0x04, and PGEN_EN = 0 in
register 0x1E.
2. Write128bytesofpatterndatatoaddress0x1F(PGEN_D)
to fill the pattern generator with 64 samples. Data is writ-
ten MSB first, and will be applied to the DAC in the order
written. Data may be written one byte at a time or in larger
multi-bytewords.FortheLTC2000A-14andLTC2000A-11,
datashouldbeleftjustifiedwithzerosfillingtheremaining
two (LTC2000A-14) or five (LTC2000A-11) bits.
3. Set PGEN_EN = 1 to start the pattern generator.
4. Wait at least 1ms to ensure that the synchronizer has
initialized.
5. Set DATA_EN = 1 in register 0x04. The DAC will then
begin to output the 64 sample pattern.
The pattern generator will send the repeating 64 sample
pattern to the DAC until the user writes PGEN_EN = 0 or
DATA_EN = 0.
To read back the pattern, set DATA_EN = 0 and PGEN_EN
= 0 and then read 128 bytes from address 0x1F. Note that
thestartingpointofthepatternmayhavechangedwhilethe
pattern was running. To modify the pattern, set DATA_EN =
0 and PGEN_EN = 0 and write a new 64 sample pattern to
address 0x1F. Ensure PGEN_EN = 0 when reading or writ-
ing to address 0x1F, and always read or write an entire 64
sample pattern prior to setting PGEN_EN = 1. See Table 10.
Table 10 – Pattern Generator SPI Registers
ADDRESS BIT
NAME
DESCRIPTION
0x1E
0
PGEN_EN Pattern Generator Enable. Set PGEN_EN = 1 to use the internal 64 sample pattern generator to provide data to the DAC.
Set DATA_SP = 0, DCKO_DIV = 0, and DATA_EN = 1 when PGEN_EN = 1.
0x1F
[7:0] PGEN_D
Pattern Generator Data. Write 128 bytes of data to this address to fill the pattern generator with 64 samples.
Data is written MSB first. Reading this location causes the pattern generator data to be shifted out through SDO.
Ensure PGEN_EN = 0 when reading or writing to address 0x1F. Read or write an even number of bytes to address
0x1F prior to setting PGEN_EN = 1 to avoid corrupting the data inside the pattern generator.
Note: Registers 0x1E and 0x1F reset to 0x00 (default).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com