Electronic Components Datasheet Search
  English  ▼

X  

LTC1748 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1748
Description  12-Bit,170Msps/ 135Msps ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1748 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1748 Datasheet HTML 4Page - Linear Technology LTC1748 Datasheet HTML 5Page - Linear Technology LTC1748 Datasheet HTML 6Page - Linear Technology LTC1748 Datasheet HTML 7Page - Linear Technology LTC1748 Datasheet HTML 8Page - Linear Technology LTC1748 Datasheet HTML 9Page - Linear Technology LTC1748 Datasheet HTML 10Page - Linear Technology LTC1748 Datasheet HTML 11Page - Linear Technology LTC1748 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LTC2220/LTC2221
8
22201fa
0
–20
–40
–60
–80
–100
–120
2220 • G15
FREQUENCY (MHz)
0
40
60
10
20
50
70
80
30
0
–20
–40
–60
–80
–100
–120
2220 • G16
FREQUENCY (MHz)
0
40
60
10
20
50
70
80
30
0
–20
–40
–60
–80
–100
–120
2220 • G17
FREQUENCY (MHz)
0
40
60
10
20
50
70
80
30
0
–20
–40
–60
–80
–100
–120
2220 • G19
FREQUENCY (MHz)
0
40
60
10
20
50
70
80
30
0
–20
–40
–60
–80
–100
–120
2220 • G20
FREQUENCY (MHz)
0
40
60
10
20
50
70
80
30
0
–20
–40
–60
–80
–100
–120
2220 • G18
FREQUENCY (MHz)
0
40
60
10
20
50
70
80
30
0
–20
–40
–60
–80
–100
–120
2220 • G21
FREQUENCY (MHz)
0
40
60
10
20
50
70
80
30
0
–20
–40
–60
–80
–100
–120
2220 • G22
FREQUENCY (MHz)
0
40
60
10
20
50
70
80
30
0
–20
–40
–60
–80
–100
–120
2220 • G23
FREQUENCY (MHz)
0
40
60
10
20
50
70
80
30
TYPICAL PERFOR A CE CHARACTERISTICS
LTC2220: 8192 Point FFT,
fIN = 30MHz, –1dB, 2V Range,
LVDS Mode
LTC2220: 8192 Point FFT,
fIN = 30MHz, –1dB, 1V Range,
LVDS Mode
LTC2220: 8192 Point FFT,
fIN = 70MHz, –1dB, 2V Range,
LVDS Mode
LTC2220: 8192 Point FFT,
fIN = 70MHz, –1dB, 1V Range,
LVDS Mode
LTC2220: 8192 Point FFT,
fIN = 140MHz, –1dB, 2V
Range, LVDS Mode
LTC2220: 8192 Point FFT,
fIN = 140MHz, –1dB, 1V
Range, LVDS Mode
LTC2220: 8192 Point FFT,
fIN = 250MHz, –1dB, 2V
Range, LVDS Mode
LTC2220: 8192 Point FFT,
fIN = 250MHz, –1dB, 1V
Range, LVDS Mode
LTC2220: 8192 Point FFT,
fIN = 500MHz, –6dB, 1V
Range, LVDS Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com