Electronic Components Datasheet Search
  English  ▼

X  

LTC1748 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1748
Description  12-Bit,170Msps/ 135Msps ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1748 Datasheet(HTML) 1 Page - Linear Technology

  LTC1748 Datasheet HTML 1Page - Linear Technology LTC1748 Datasheet HTML 2Page - Linear Technology LTC1748 Datasheet HTML 3Page - Linear Technology LTC1748 Datasheet HTML 4Page - Linear Technology LTC1748 Datasheet HTML 5Page - Linear Technology LTC1748 Datasheet HTML 6Page - Linear Technology LTC1748 Datasheet HTML 7Page - Linear Technology LTC1748 Datasheet HTML 8Page - Linear Technology LTC1748 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LTC2220/LTC2221
1
22201fa
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
12-Bit,170Msps/
135Msps ADCs
The LTC
®2220 and LTC2221 are 170Msps/135Msps, sam-
pling 12-bit A/D converters designed for digitizing high
frequency, wide dynamic range signals. The LTC2220/
LTC2221 are perfect for demanding communications
applications with AC performance that includes 67.5dB
SNR and 80dB spurious free dynamic range for signals
up to 170MHz. Ultralow jitter of 0.15psRMS allows
undersampling of IF frequencies with excellent noise
performance.
DC specs include
±0.4LSB INL (typ), ±0.3LSB DNL (typ)
and no missing codes over temperature. The transition
noise is a low 0.5LSBRMS.
The digital outputs can be either differential LVDS, or
single-ended CMOS. There are three format options for
the CMOS outputs: a single bus running at the full data rate
or two demultiplexed buses running at half data rate with
either interleaved or simultaneous update. A separate
output power supply allows the CMOS output swing to
range from 0.5V to 3.6V.
The ENC+ and ENC– inputs may be driven differentially or
single ended with a sine wave, PECL, LVDS, TTL, or CMOS
inputs. An optional clock duty cycle stabilizer allows high
performance at full speed for a wide range of clock duty
cycles.
–
+
INPUT
S/H
CORRECTION
LOGIC
OUTPUT
DRIVERS
12-BIT
PIPELINED
ADC CORE
CLOCK/DUTY
CYCLE
CONTROL
FLEXIBLE
REFERENCE
D11
•
•
•
D0
ENCODE
INPUT
REFH
REFL
ANALOG
INPUT
22201 TA01
CMOS
OR
LVDS
0.5V
TO 3.6V
3.3V
VDD
OVDD
OGND
APPLICATIO S
SFDR vs Input Frequency
0
600
500
400
100
200
300
INPUT FREQUENCY (MHz)
80
90
100
22201 TA01b
70
60
40
50
4th OR HIGHER
2nd OR 3rd
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
■ Sample Rate: 170Msps/135Msps
■
67.5dB SNR up to 140MHz Input
■ 80dB SFDR up to 170MHz Input
■ 775MHz Full Power Bandwidth S/H
■
Single 3.3V Supply
■ Low Power Dissipation: 890mW/660mW
■ LVDS, CMOS, or Demultiplexed CMOS Outputs
■
Selectable Input Ranges:
±0.5V or ±1V
■ No Missing Codes
■ Optional Clock Duty Cycle Stabilizer
■
Shutdown and Nap Modes
■ Data Ready Output Clock
■ Pin Compatible Family
185Msps: LTC2220-1 (12-Bit)
170Msps: LTC2220 (12-Bit), LTC2230 (10-Bit)
135Msps: LTC2221 (12-Bit), LTC2231 (10-Bit)
■
64-Pin 9mm
× 9mm QFN Package
■ Wireless and Wired Broadband Communication
■ Cable Head-End Systems
■ Power Amplifier Linearization
■ Communications Test Equipment


Similar Part No. - LTC1748

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1748 LINER-LTC1748 Datasheet
533Kb / 20P
14-Bit, 80Msps Low Noise ADC
LTC1748CFW LINER-LTC1748CFW Datasheet
533Kb / 20P
14-Bit, 80Msps Low Noise ADC
LTC1748IFW LINER-LTC1748IFW Datasheet
533Kb / 20P
14-Bit, 80Msps Low Noise ADC
LTC1748 LINER-LTC1748_15 Datasheet
534Kb / 20P
14-Bit, 80Msps Low Noise ADC
More results

Similar Description - LTC1748

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2230 LINER-LTC2230_1 Datasheet
701Kb / 32P
10-Bit,170Msps/135Msps ADCs
LTC2150-12 LINER-LTC2150-12_15 Datasheet
677Kb / 30P
Single 12-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2151-12 LINER-LTC2151-12_15 Datasheet
677Kb / 30P
Single 12-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2152-12 LINER-LTC2152-12_15 Datasheet
677Kb / 30P
Single 12-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2220 LINER-LTC2220_15 Datasheet
802Kb / 32P
12-Bit,170Msps/ 135Msps ADCs
LTC2221 LINER-LTC2221_15 Datasheet
802Kb / 32P
12-Bit,170Msps/ 135Msps ADCs
LTC2230 LINER-LTC2230_15 Datasheet
707Kb / 32P
10-Bit,170Msps/ 135Msps ADCs
LTC2231 LINER-LTC2231_15 Datasheet
707Kb / 32P
10-Bit,170Msps/ 135Msps ADCs
LTC2155-12 LINER-LTC2155-12_15 Datasheet
928Kb / 32P
Dual 12-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2157-12 LINER-LTC2157-12_15 Datasheet
928Kb / 32P
Dual 12-Bit 250Msps/ 210Msps/170Msps ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com