Electronic Components Datasheet Search
  English  ▼

X  

LT1356 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1356
Description  90MHz, 2200V/關s 30V Low Power Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1356 Datasheet(HTML) 1 Page - Linear Technology

  LT1356 Datasheet HTML 1Page - Linear Technology LT1356 Datasheet HTML 2Page - Linear Technology LT1356 Datasheet HTML 3Page - Linear Technology LT1356 Datasheet HTML 4Page - Linear Technology LT1356 Datasheet HTML 5Page - Linear Technology LT1356 Datasheet HTML 6Page - Linear Technology LT1356 Datasheet HTML 7Page - Linear Technology LT1356 Datasheet HTML 8Page - Linear Technology LT1356 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT6274/LT6275
1
6275fa
For more information www.linear.com/LT6275
TYPICAL APPLICATION
FEATURES
DESCRIPTION
90MHz, 2200V/µs
30V Low Power Op Amps
The LT®6274/LT6275 are single/dual low power, high
speed, very high slew rate operational amplifiers with
outstanding AC and DC performance. The circuit topology
is a voltage feedback amplifier with matched high imped-
ance inputs plus the enhanced slewing performance of a
current feedback amplifier. The high slew rate and single
stage design provide excellent settling characteristics that
make the circuit an ideal choice for data acquisition sys-
tems. Each output drives a 1k load to ±13.25V with ±15V
supplies and a 500Ω load to ±3.5V on ±5V supplies. The
LT6274/LT6275 are stable with any capacitive load mak-
ing them useful in buffer or cable driving applications.
The LT6274 single op amp is available in a 5-lead TSOT-23
package, and the LT6275 dual op amp is available in an
8-lead MSOP package. They operate with guaranteed
specifications over the –40°C to 85°C and –40°C to 125°C
temperature ranges.
APPLICATIONS
n
2200V/μs Slew Rate
n
90MHz –3dB Bandwidth (AV = +1)
n
40MHz Gain-Bandwidth Product
n
1.6mA Supply Current per Amplifier
n
C-Load™ Op Amp Drives All Capacitive Loads
n
±4.5V to ±16V Operating Supply Range
n
Unity-Gain Stable
n
10nV/√Hz Input Noise Voltage
n
400µV Maximum Input Offset Voltage
n
500nA Maximum Input Bias Current
n
30nA Maximum Input Offset Current
n
±13.25V Minimum Output Swing into 1k (±15V Supply)
n
±3.5V Minimum Output Swing into 500Ω (±5V Supply)
n
74dB Minimum Open-Loop Gain, RL = 1k
n
40ns Settling Time to 1%, 10V Step
n
Specified at ±5V and ±15V
n
Single in 5-Lead TSOT-23 Package
n
Dual in 8-Lead MSOP Package
n
Wideband Large Signal Amplification
n
Cable Drivers
n
Buffers
n
Automated Test Equipment
n
Data Acquisition Systems
n
High Fidelity Video and Audio Amplification
All registered trademarks and trademarks are the property of their respective owners. All other
trademarks are the property of their respective owners.
6275 TA01
1k
1k
15V
–15V
VOUT
VIN
AV = –1
FPBW = 3MHz
+
–
LT6274
10V
–10V
10V
–10V
Undistorted Output Swing vs Frequency
Wideband Large Signal Amplification
VS = ±15V
RL = 1k
1% MAX DISTORTION
AV = +1
AV = –1
AV = –10
FREQUENCY (Hz)
100k
1M
10M
100M
0
5
10
15
20
25
30
6275 G31


Similar Part No. - LT1356

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1356 LINER-LT1356 Datasheet
272Kb / 16P
Dual and Quad 12MHz, 400V/us Op Amps
logo
Linear Integrated Syste...
LT1356 LINEAR-LT1356 Datasheet
453Kb / 16P
Dual and Quad 25MHz, 600V/s Op Amps
logo
Linear Technology
LT1356 LINER-LT1356 Datasheet
681Kb / 16P
Dual and Quad 12MHz, 400V/s Op Amps
LT1356 LINER-LT1356 Datasheet
2Mb / 40P
16-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LT1356 LINER-LT1356 Datasheet
2Mb / 40P
18-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
More results

Similar Description - LT1356

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM124 PHILIPS-LM124 Datasheet
136Kb / 7P
Low power quad op amps
1995 Nov 27
logo
Maxim Integrated Produc...
MAX4100 MAXIM-MAX4100 Datasheet
144Kb / 12P
500MHz, Low-Power Op Amps
19-0436; Rev 1; 3/96
logo
Linear Technology
LT6015 LINER-LT6015_15 Datasheet
929Kb / 22P
3.2MHz, 0.8V/s Low Power, Over-The-Top Precision Op Amps
logo
Analog Devices
LT6274 AD-LT6274 Datasheet
1Mb / 20P
90MHz, 2200V/ 30V Low Power Op Amps
logo
Linear Technology
LT6015 LINER-LT6015 Datasheet
1,014Kb / 22P
3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amps
logo
3PEAK INC.
LM321 3PEAK-LM321 Datasheet
747Kb / 16P
1.2MHz, Low-Power 36V Op Amps
Rev. B.01
LM2904 3PEAK-LM2904 Datasheet
1Mb / 17P
1.2MHz, Low-Power 36V Op Amps
TP1671 3PEAK-TP1671 Datasheet
1Mb / 15P
12V, 7MHz, 20V/關s Op Amps
TP2261 3PEAK-TP2261 Datasheet
1Mb / 20P
36V, 3.5MHz, 15V/關s Op Amps
logo
New Japan Radio
NJM8020 NJRC-NJM8020 Datasheet
828Kb / 19P
LOW POWER SINGLE CHANNEL OP-AMPS
Ver.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com