Electronic Components Datasheet Search
  English  ▼

X  

LT1356 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1356
Description  90MHz, 2200V/關s 30V Low Power Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1356 Datasheet(HTML) 5 Page - Linear Technology

  LT1356 Datasheet HTML 1Page - Linear Technology LT1356 Datasheet HTML 2Page - Linear Technology LT1356 Datasheet HTML 3Page - Linear Technology LT1356 Datasheet HTML 4Page - Linear Technology LT1356 Datasheet HTML 5Page - Linear Technology LT1356 Datasheet HTML 6Page - Linear Technology LT1356 Datasheet HTML 7Page - Linear Technology LT1356 Datasheet HTML 8Page - Linear Technology LT1356 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT6274/LT6275
5
6275fa
For more information www.linear.com/LT6275
TYPICAL PERFORMANCE CHARACTERISTICS
Input Bias Current
vs Input Common Mode Voltage
Input Bias Current vs Temperature
Open-Loop Gain vs Temperature
Open-Loop Gain vs Temperature
Open-Loop Gain
vs Resistive Load
Output Voltage Swing
vs Resistive Load
Supply Current vs Supply Voltage
and Temperature (per Amplifier)
Input Offset Voltage vs Input
Common Mode Voltage
Typical Distribution of Input
Offset Voltage Drift
25°C
125°C
–40°C
TOTAL SUPPLY VOLTAGE (V)
0
5
10
15
20
25
30
35
0
0.5
1.0
1.5
2.0
2.5
3.0
6275 G01
25°C
125°C
–40°C
VS = ±15V
INPUT COMMON MODE VOLTAGE (V)
–15
–10
–5
0
5
10
15
–500
–400
–300
–200
–100
0
100
200
6275 G04
VS = ±15V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
–400
–300
–200
–100
0
100
200
300
400
6275 G05
VS = ±15V
VOUT = ±12V
RL = 1k
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
70
75
80
85
90
95
6275 G06
VS = ±5V
VOUT = ±2.5V
RL = 500Ω
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
70
75
80
85
90
95
6275 G07
VS = ±5V
VS = ±15V
TA = 25°C
VOUT = ±100mV
LOAD RESISTANCE (Ω)
10
100
1k
10k
100k
1M
60
65
70
75
80
85
90
95
100
6275 G08
VS = ±15V
VIN = ±20mV
TA = 25°C
LOAD RESISTANCE (Ω)
10
100
1k
10k
100k
0
2
4
6
8
10
12
14
16
6275 G09
25°C
125°C
–40°C
VS = ±15V
INPUT COMMON MODE VOLTAGE (V)
–15
–10
–5
0
5
10
15
–500
–400
–300
–200
–100
0
100
200
6275 G02
VS = ±15V
36 UNITS
INPUT OFFSET VOLTAGE DRIFT (µV/°C)
0
1
2
3
4
5
6
7
8
9 10
0
5
10
15
20
25
30
35
6275 G03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com