Electronic Components Datasheet Search
  English  ▼

X  

LT3083 Datasheet(PDF) 6 Page - Linear Technology

Part # LT3083
Description  800mA Single Resistor Rugged Linear Regulator with Monitors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3083 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3083 Datasheet HTML 2Page - Linear Technology LT3083 Datasheet HTML 3Page - Linear Technology LT3083 Datasheet HTML 4Page - Linear Technology LT3083 Datasheet HTML 5Page - Linear Technology LT3083 Datasheet HTML 6Page - Linear Technology LT3083 Datasheet HTML 7Page - Linear Technology LT3083 Datasheet HTML 8Page - Linear Technology LT3083 Datasheet HTML 9Page - Linear Technology LT3083 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LT3089
6
3089f
For more information www.linear.com/LT3089
Linear Regulator
Load Transient Response
Current Source
Line Transient Response
Current Source
Line Transient Response
Linear Regulator
Line Transient Response
Linear Regulator
Turn-On Response
Linear Regulator
Load Transient Response
Linear Regulator
Load Transient Response
Linear Regulator
Load Transient Response
TYPICAL PERFORMANCE CHARACTERISTICS T
J = 25°C unless otherwise specified.
Linear Regulator
Turn-On Response
VIN = 3V
VOUT = 1V
COUT = 2.2µF
CSET = 0.1µF
∆ILOAD = 5mA TO 100mA
TIME (µs)
0 20 40 60 80 100 120 140 160 180 200
–100
0
100
–100
–50
0
50
100
Load Transient Response
3089 G19
VIN = 3V
VOUT = 1V
COUT = 2.2µF
CSET = 0.1µF
∆ILOAD = 100mA TO 800mA
TIME (µs)
0 20 40 60 80 100 120 140 160 180 200
0
0.5
1.0
–200
–100
0
100
200
300
Load Transient Response
3089 G20
VIN = 3V
VOUT = 1V
COUT = 0
CSET = 30pF
∆ILOAD = 5mA TO 100mA
tr = tf = 1µs
TIME (µs)
0 10 20 30 40 50 60 70 80 90 100
–100
0
100
–200
–100
0
100
200
Load Transient Response
3089 G21
VIN = 3V
VOUT = 1V
COUT = 0
CSET = 30pF
∆ILOAD = 100mA TO 800mA
tr = tf = 1µs
TIME (µs)
0 10 20 30 40 50 60 70 80 90 100
0
0.5
1.0
–400
–200
0
200
400
600
Load Transient Response
3089 G22
RSET = 20k
RLOAD = 1.25Ω
COUT = 2.2µF
CSET = 0.1µF
TIME (µs)
0
5 10 15 20 25 30 35 40 45 50
–40
–20
0
20
3
4
5
6
Line Transient Response
3089 G23
RSET = 6.04k
ROUT = 3.01Ω
COUT = 0
CSET = 30pF
100mA CURRENT SOURCE CONFIGURATION
TIME (µs)
0 10 20 30 40 50 60 70 80 90 100
90
95
100
105
3
4
5
6
Line Transient Response
3089 G24
RSET = 6.04k
ROUT = 0.6Ω
COUT = 0
CSET = 30pF
500mA CURRENT SOURCE CONFIGURATION
TIME (µs)
0 10 20 30 40 50 60 70 80 90 100
480
490
500
510
520
3
4
5
6
3089 G25
RSET = 20k
RLOAD = 1.25Ω
COUT = 2.2µF CERAMIC
CSET = 0
TIME (µs)
0
5 10 15 20 25 30 35 40 45 50
–0.5
0
0.5
1.0
0
1
2
3
4
Turn–On Response
3089 G26
RSET = 20k
RLOAD = 1.25Ω
COUT = 2.2µF CERAMIC
CSET = 0.1µF
TIME (ms)
0
2
4
6
8 10 12 14 16 18 20
–0.5
0
0.5
1.0
0
1
2
3
4
Turn–On Response
3089 G27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com