Electronic Components Datasheet Search
  English  ▼

X  

LT3083 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3083
Description  800mA Single Resistor Rugged Linear Regulator with Monitors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3083 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3083 Datasheet HTML 3Page - Linear Technology LT3083 Datasheet HTML 4Page - Linear Technology LT3083 Datasheet HTML 5Page - Linear Technology LT3083 Datasheet HTML 6Page - Linear Technology LT3083 Datasheet HTML 7Page - Linear Technology LT3083 Datasheet HTML 8Page - Linear Technology LT3083 Datasheet HTML 9Page - Linear Technology LT3083 Datasheet HTML 10Page - Linear Technology LT3083 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LT3089
7
3089f
For more information www.linear.com/LT3089
Ripple Rejection
Ripple Rejection
Output Impedance
Ripple Rejection (120Hz)
Residual Output Voltage with
Less Than Minimum Load
Current Source
Turn-On Response
Current Source
Turn-On Response
TYPICAL PERFORMANCE CHARACTERISTICS T
J = 25°C unless otherwise specified.
Ripple Rejection (10kHz)
RSET = 6.04k
ROUT = 3.01Ω
COUT = 0
CSET = 30pF
100mA CURRENT SOURCE CONFIGURATION
TIME (µs)
0 10 20 30 40 50 60 70 80 90 100
0
50
100
0
1
2
3
4
Turn–On Response
3089 G28
RSET = 6.04k
ROUT = 0.6Ω
COUT = 0
CSET = 30pF
500mA CURRENT SOURCE CONFIGURATION
TIME (µs)
0 10 20 30 40 50 60 70 80 90 100
0
200
400
600
0
1
2
3
4
Turn–On Response
3089 G29
VIN = 5V
VIN = 36V
RTEST (kΩ)
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5
0
100
200
300
400
500
600
700
800
900
1000
Less Than Minimum Load
3089 G30
VOUT
SET PIN = 0V
RTEST
VIN
COUT = 2.2µF CERAMIC
CSET = 0.1µF
VIN = VOUT(NOMINAL) + 2V
ILOAD = 100mA
ILOAD = 500mA
ILOAD = 800mA
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
0
10
20
30
40
50
60
70
80
90
100
3089 G31
COUT = 2.2µF CERAMIC
CSET = 0.1µF
ILOAD = 100mA
VIN = VOUT + 5V
VIN = VOUT + 2V
VIN = VOUT + 1.5V
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
0
20
40
60
80
100
120
Ripple Rejection
3089 G32
VIN = VOUT(NOMINAL) + 2V
RIPPLE = 500mVP–P
f = 120Hz
ILOAD = 100mA
COUT = 2.2µF
CSET = 0.1µF
TEMPERATURE (°C)
–75 –50 –25 0 25 50 75 100 125 150 175
65
70
75
80
85
90
95
3089 G34
VIN = VOUT(NOMINAL) + 2V
RIPPLE = 500mVP–P
f = 10kHz
ILOAD = 100mA
COUT = 2.2µF
CSET = 0.1µF
TEMPERATURE (°C)
–75 –50 –25 0 25 50 75 100 125 150 175
50
55
60
65
70
3089 G35
FREQUENCY (Hz)
10
1
10
100
1k
10k
100k
1M
10M
100
1k
10k
100k
1M
10M
3089 G33
ISOURCE = 10mA
ISOURCE = 100mA
ISOURCE = 500mA
CURRENT SOURCE CONFIGURATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com