Electronic Components Datasheet Search
  English  ▼

X  

LTC1407 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1407
Description  16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1407 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1407 Datasheet HTML 2Page - Linear Technology LTC1407 Datasheet HTML 3Page - Linear Technology LTC1407 Datasheet HTML 4Page - Linear Technology LTC1407 Datasheet HTML 5Page - Linear Technology LTC1407 Datasheet HTML 6Page - Linear Technology LTC1407 Datasheet HTML 7Page - Linear Technology LTC1407 Datasheet HTML 8Page - Linear Technology LTC1407 Datasheet HTML 9Page - Linear Technology LTC1407 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LTC2311-16
6
231116fa
For more information www.linear.com/LTC2311-16
POWER REQUIREMENTS The
l
denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C (Note 4).
ADC TIMING CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CMOS, LVDS I/O Modes
fSMPL
Maximum Sampling Frequency
l
5
Msps
tCYC
Time Between Conversions
(Note 11)
l
200
1000000
ns
tACQ
Acquisition Time
(Note 11)
l
28.5
ns
tCONV
Conversion Time
l
171.5
ns
tCNVH
CNV High Time
l
25
ns
tDCNVSCKL
SCK Quiet Time from CNV↓
(Note 11)
l
9.5
ns
tDSCKLCNVH
SCK Delay Time to CNV↑
(Note 11)
l
19.1
ns
tSCK
SCK Period
(Notes 12, 13)
l
9.4
ns
tSCKH
SCK High Time
l
4
ns
tSCKL
SCK Low Time
l
4
ns
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C (Note 4).
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Supply Voltage
5V Operation
3.3V Operation
l
4.75
3.13
5.25
3.47
V
V
OVDD
Supply Voltage
l
1.71
2.63
V
IVDD
Supply Current
5Msps Sample Rate (AIN+ = AIN– = 0V)
l
9.5
12
mA
INAP
Nap Mode Current
Conversion Done (IVDD)
l
2.8
3.5
mA
ISLEEP
Sleep Mode Current VDD = 3.3V, Sleep Mode (IVDD + IOVDD)
l
0.1
10
μA
CMOS I/O Mode
IOVDD
Supply Current
5Msps Sample Rate (CL = 5pF)
l
1.1
1.75
mA
PD_3.3V
Power Dissipation
VDD = 3.3V 5Msps Sample Rate (AIN+ = AIN– = 0V)
30
mW
Nap Mode
VDD = 3.3V Conversion Done (IVDD + IOVDD)
7.5
mW
Sleep Mode
VDD = 3.3V Sleep Mode (IVDD + IOVDD)
0.3
μW
PD_5V
Power Dissipation
VDD = 5V 5Msps Sample Rate (AIN+ = AIN– = 0V)
l
45
65
mW
Nap Mode
VDD = 5V Conversion Done (IVDD + IOVDD)
l
14
18
mW
Sleep Mode
VDD = 5V Sleep Mode (IVDD + IOVDD)
l
0.5
60
μW
LVDS I/O Mode
IOVDD
Supply Current
5Msps Sample Rate (RL = 100Ω)
l
2.7
4.5
mA
PD_3.3V
Power Dissipation
VDD = 3.3V 5Msps Sample Rate (AIN+ = AIN– = 0V)
36
mW
Nap Mode
VDD = 3.3V Conversion Done (IVDD + IOVDD)
14
mW
Sleep Mode
VDD = 3.3V Sleep Mode (IVDD + IOVDD)
0.3
µW
PD_5V
Power Dissipation
VDD = 5V 5Msps Sample Rate (AIN+ = AIN– = 0V)
l
55
72
mW
Nap Mode
VDD = 5V Conversion Done (IVDD + IOVDD)
l
20
30
mW
Sleep Mode
VDD = 5V Sleep Mode (IVDD + IOVDD)
l
0.5
60
µW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com