Electronic Components Datasheet Search
  English  ▼

X  

LTC1407 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1407
Description  16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1407 Datasheet(HTML) 4 Page - Linear Technology

  LTC1407 Datasheet HTML 1Page - Linear Technology LTC1407 Datasheet HTML 2Page - Linear Technology LTC1407 Datasheet HTML 3Page - Linear Technology LTC1407 Datasheet HTML 4Page - Linear Technology LTC1407 Datasheet HTML 5Page - Linear Technology LTC1407 Datasheet HTML 6Page - Linear Technology LTC1407 Datasheet HTML 7Page - Linear Technology LTC1407 Datasheet HTML 8Page - Linear Technology LTC1407 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LTC2311-16
4
231116fa
For more information www.linear.com/LTC2311-16
DYNAMIC ACCURACY
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SINAD
Signal-to-(Noise + Distortion) Ratio fIN = 2.2MHz, VREFOUT = 4.096V, Internal Reference
fIN = 2.2MHz, VREFOUT = 5V, External Reference
l
76
81
81.5
dB
dB
SNR
Signal-to-Noise Ratio
fIN = 2.2MHz, VREFOUT = 4.096V, Internal Reference
fIN = 2.2MHz, VREFOUT = 5V, External Reference
l
76.5
81.6
82.3
dB
dB
THD
Total Harmonic Distortion
fIN = 2.2MHz, VREFOUT = 4.096V, Internal Reference
fIN = 2.2MHz, VREFOUT = 5V, External Reference
l
–90
–88
–79
dB
dB
SFDR
Spurious Free Dynamic Range
fIN = 2.2MHz, VREFOUT = 4.096V, Internal Reference
fIN = 2.2MHz, VREFOUT = 5V, External Reference
l
78
95
90
dB
dB
–3dB Input Bandwidth
100
MHz
Aperture Delay
500
ps
Aperture Jitter
1
psRMS
Transient Response
Full-Scale Step
3
ns
The l denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C and AIN = –1dBFS (Notes 4, 8).
INTERNAL REFERENCE CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VREFOUT
REFOUT Output Voltage
4.75V < VDD < 5.25V
3.13V < VDD < 3.47V
l
l
4.082
2.042
4.096
2.048
4.110
2.054
V
V
REFOUT Input Voltage
4.75V < VDD < 5.25V, REFIN = 0V (Note 5)
3.13V < VDD < 3.47V, REFIN = 0V (Note 5)
l
l
0.5
0.5
VDD
VDD
V
V
REFOUT Temperature Coefficient
(Note 14)
l
3
20
ppm/°C
REFOUT Short-Circuit Current
VDD = 5.25V, Forcing Output to GND
l
30
mA
REFOUT Line Regulation
VDD = 4.75V to 5.25V
0.3
mV/V
REFOUT Load Regulation
IREFOUT < 2mA
0.5
mV/mA
REFOUT Input Resistance (External Reference
Mode)
REFIN = 0V
60
kΩ
IREFOUT
REFOUT Input Current (External Reference
Mode)
REFIN = 0V, REFOUT = 4.096V
(Notes 9, 10)
700
µA
VREFIN
REFIN Output Voltage
3.13V < VDD < 3.47V
4.75V < VDD < 5.25V
l
1.245
1.25
1.255
V
REFIN Input Voltage
3.13V < VDD < 3.47V (Note 5)
4.75V < VDD < 5.25V (Note 5)
l
l
1
1
1.85
1.45
V
V
REFIN Short-Circuit Current
VDD = 5.25V, Forcing Output to GND
l
250
µA
VIL (VREFIN) REFIN Low Level Input Voltage (External
Reference Mode)
3.13V < VDD < 3.47V
4.75V < VDD < 5.25V
l
l
0.5
0.5
V
V
The l denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C (Note 4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com