Electronic Components Datasheet Search
  English  ▼

X  

MA100 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MA100
Description  MagAlpha Communication Kit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA100 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MA100 Datasheet HTML 3Page - Monolithic Power Systems MA100 Datasheet HTML 4Page - Monolithic Power Systems MA100 Datasheet HTML 5Page - Monolithic Power Systems MA100 Datasheet HTML 6Page - Monolithic Power Systems MA100 Datasheet HTML 7Page - Monolithic Power Systems MA100 Datasheet HTML 8Page - Monolithic Power Systems MA100 Datasheet HTML 9Page - Monolithic Power Systems MA100 Datasheet HTML 10Page - Monolithic Power Systems MA100 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
EVKT-MACOM
– MAGALPHA COMMUNICATION KIT
EVKT-MACOM
www.MonolithicPower.com
7
3/15/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Assembly View Rev B
Figure 9: Assembly TBMA-CONN Rev B
Schematic Rev C
Figure 10: Schematic TBMA-CONN Rev C
1
2
3
4
5
6
7
8
9
10
11
12
13
15
16
14
17
18
19
20
1
2
3
4
5
6
7
8
9
10
11
12
13
15
16
14
17
18
19
20
21
22
23
24
CN2.2
CN2.3
CN2.1
CN1.8
CN2.8
CN2.6
CN2.5
CN2.4
1
2
3
4
5
6
7
8
9
MOSI
10
11
12
13
14
SCLK
CS
MISO
1
2
3
4
5
6
7
8
9
10
11
12
13
15
16
14
17
18
19
20
J3
J8
J4
J9
Optional
Optional
CN2.7
CN2.3
CN1.8
CN2.2
+3.3V MCU
+3.3V MCU
CN2.1
CN1.3
CN2.6
CN2.8
CN2.5
CN2.4
2
4
6
8
10
12
1
3
5
7
9
11
+3.3V
J10
MOSI
SCLK
CS
MISO
CN1
2
4
6
8
1
3
5
7
CN2
2
4
6
8
1
3
5
7
R1
+3.3V
+3.3V MCU
0Ω
CN2.2
CN2.6
CN2.8
CN2.4
CN2.3
CN2.5
CN2.7
CN2.1
CN1.8
+3.3V
CN1.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com