Electronic Components Datasheet Search
  English  ▼

X  

MA100 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MA100
Description  MagAlpha Communication Kit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA100 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MA100 Datasheet HTML 5Page - Monolithic Power Systems MA100 Datasheet HTML 6Page - Monolithic Power Systems MA100 Datasheet HTML 7Page - Monolithic Power Systems MA100 Datasheet HTML 8Page - Monolithic Power Systems MA100 Datasheet HTML 9Page - Monolithic Power Systems MA100 Datasheet HTML 10Page - Monolithic Power Systems MA100 Datasheet HTML 11Page - Monolithic Power Systems MA100 Datasheet HTML 12Page - Monolithic Power Systems MA100 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
EVKT-MACOM
– MAGALPHA COMMUNICATION KIT
EVKT-MACOM
www.MonolithicPower.com
9
3/15/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
BILL OF MATERIALS
Both board versions share the same bill of materials (see Table 2).
Table 2: Bill of Materials TBMA-CONN Rev B and Rev C
CONNECTOR PINOUT
Refer to the TBMA user guide for CN1 and CN2 pin mapping.
Quantity
Designator
Description
Value
Manufacturer
Manufacturer PN
1
R1
Chip resistor; 0.125W; 0805
(2012 Metric)
0Ω
Yageo
ERJ-6GEY0R00V
1
J3
14 Position Receptacle
Connector 0.050" (1.27mm),
Surface Mount Gold
Amphenol FCI
20021321-00014T4LF
1
J9
24 Position Receptacle
Connector 0.050" (1.27mm),
Surface Mount Gold
Amphenol FCI
20021321-00024T4LF
2
J4, J8
(optional)
20 Position Receptacle
Connector 0.050" (1.27mm),
Surface Mount Gold
Amphenol FCI
20021321-00020C4LF
1
J10
(optional)
12 Positions, Header,
Breakaway Connectors,
0.100" (2.54mm), Surface
Mount Gold
Molex
0015910120
2
CN1, CN2
8 Position Receptacle
Connector 0.100" (2.54mm),
Surface Mount Tin
Würth Elektronik
or
TE Connectivity
690367280876
or
7-2178711-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com