Electronic Components Datasheet Search
  English  ▼

X  

LT1362 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1362
Description  90MHz, 2200V/關s 30V Low Power Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1362 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1362 Datasheet HTML 3Page - Linear Technology LT1362 Datasheet HTML 4Page - Linear Technology LT1362 Datasheet HTML 5Page - Linear Technology LT1362 Datasheet HTML 6Page - Linear Technology LT1362 Datasheet HTML 7Page - Linear Technology LT1362 Datasheet HTML 8Page - Linear Technology LT1362 Datasheet HTML 9Page - Linear Technology LT1362 Datasheet HTML 10Page - Linear Technology LT1362 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LT6274/LT6275
7
6275fa
For more information www.linear.com/LT6275
Closed-Loop Output Impedance
vs Frequency
Gain/Phase vs Frequency
Gain-Bandwidth Product and
Phase Margin vs Temperature
Gain-Bandwidth Product
and Phase Margin
vs Supply Voltage
TYPICAL PERFORMANCE CHARACTERISTICS
Power Supply Rejection Ratio
vs Frequency
Closed-Loop Frequency
Response vs Load Capacitance
Closed-Loop Frequency
Response vs Load Capacitance
Crosstalk vs Frequency
VS = ±15V
TA = 25°C
AV = 1
AV = 10
AV = 100
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M 100M
0.01
0.1
1
10
100
1k
6275 G20
PHASE
GAIN
VS = ±5V
VS = ±15V
TA = 25°C
FREQUENCY (Hz)
10k
100k
1M
10M
100M
1G
–20
–10
0
10
20
30
40
50
60
70
80
–210
–180
–150
–120
–90
–60
6275 G21
PHASE MARGIN
VS = ±5V
PHASE MARGIN
VS = ±15V
GAIN-BANDWIDTH PRODUCT
VS = ±15V
GAIN-BANDWIDTH PRODUCT
VS = ±5V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
30
35
40
45
50
55
60
30
35
40
45
50
55
60
6275 G22
PHASE MARGIN
GAIN-BANDWIDTH PRODUCT
TA = 25°C
TOTAL SUPPLY VOLTAGE (V)
0
5
10
15
20
25
30
35
30
35
40
45
50
55
60
30
35
40
45
50
55
60
6275 G23
VS = ±15V
TA = 25°C
AV = 1
C = 0
C = 50pF
C = 100pF
C = 500pF
C = 10nF
C = 5nF C = 1nF
FREQUENCY (Hz)
100k
1M
10M
100M
1G
–20
–10
0
10
6275 G24
VS = ±5V
TA = 25°C
AV = 1
C = 0
C = 50pF
C = 100pF
C = 500pF
C = 10nF
C = 5nF C = 1nF
FREQUENCY (Hz)
100k
1M
10M
100M
1G
–20
–10
0
10
6275 G25
TA = 25°C
AV = 1
VIN = 2VP–P
VS = ±15V
RL = 1k
VS = ±5V
RL = 500Ω
FREQUENCY (Hz)
10k
100k
1M
10M
100M
–130
–120
–110
–100
–90
–80
–70
–60
–50
6275 G26
VS = ±15V
TA = 25°C
–PSRR
+PSRR
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M 100M
–20
0
20
40
60
80
100
120
6275 G27
Common Mode Rejection Ratio
vs Frequency
VS = ±15V
TA = 25°C
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M 100M
0
20
40
60
80
100
120
6275 G28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com