Electronic Components Datasheet Search
  English  ▼

X  

LT1362 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1362
Description  90MHz, 2200V/關s 30V Low Power Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1362 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1362 Datasheet HTML 4Page - Linear Technology LT1362 Datasheet HTML 5Page - Linear Technology LT1362 Datasheet HTML 6Page - Linear Technology LT1362 Datasheet HTML 7Page - Linear Technology LT1362 Datasheet HTML 8Page - Linear Technology LT1362 Datasheet HTML 9Page - Linear Technology LT1362 Datasheet HTML 10Page - Linear Technology LT1362 Datasheet HTML 11Page - Linear Technology LT1362 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LT6274/LT6275
8
6275fa
For more information www.linear.com/LT6275
TYPICAL PERFORMANCE CHARACTERISTICS
Slew Rate vs Capacitive Load
Step Response Overshoot
vs Capacitive Load
Slew Rate vs Input Level
Slew Rate vs Temperature
2nd and 3rd Harmonic Distortion
vs Frequency (AV = 1)
2nd and 3rd Harmonic Distortion
vs Frequency (AV = –1)
Undistorted Output Swing
vs Frequency
Undistorted Output Swing
vs Frequency
VS = ±15V
VIN = 10VP–P
RL = 1k
2ND HARMONIC
3RD HARMONIC
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
6275 G29
VS = ±15V
VIN = 10VP–P
RG = RF = 1k
2ND HARMONIC
3RD HARMONIC
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
6275 G30
VS = ±15V
RL = 1k
1% MAX DISTORTION
AV = +1
AV = –1
AV = –10
FREQUENCY (Hz)
100k
1M
10M
100M
0
5
10
15
20
25
30
6275 G31
VS = ±5V
RL = 1k
1% MAX DISTORTION
AV = +1
AV = –10
AV = –1
FREQUENCY (Hz)
100k
1M
10M
100M
0
2
4
6
8
10
6275 G32
OUTPUT FALLING
VS = ±15V
OUTPUT RISING
VS = ±15V
TA = 25°C
AV = –1
RG = RF = 2k
20% to 80% OF STEP
VS = ±5V
INPUT LEVEL (VP-P)
0
2
4
6
8 10 12 14 16 18 20
0
500
1000
1500
2000
2500
6275 G33
OUTPUT FALLING
VS = ±15V
±12V OUTPUT STEP
OUTPUT RISING
VS = ±15V
±12V OUTPUT STEP
AV = –2
RG = 2k, RF = 4k
20% to 80% OF STEP
VS = ±5V
±3.5V OUTPUT STEP
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
0
500
1000
1500
2000
2500
6275 G34
VS = ±15V
AV = –1
RG = RF = 2k
20% to 80% of ±10V STEP
LOAD CAPACITANCE (F)
1p
10p
100p
1n
10n
100n
1µ
0.1
1
10
100
1000
10000
6275 G35
AV = –1
RG = RF = 2k
AV = 1
VS = ±15V
100mV STEP
LOAD CAPACITANCE (F)
10p
100p
1n
10n
100n
1µ
0
10
20
30
40
50
60
70
80
6275 G36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com