Electronic Components Datasheet Search
  English  ▼

X  

LTC2365 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2365
Description  14-Bit, 500ksps Serial Sampling ADC in TSOT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2365 Datasheet(HTML) 1 Page - Linear Technology

  LTC2365 Datasheet HTML 1Page - Linear Technology LTC2365 Datasheet HTML 2Page - Linear Technology LTC2365 Datasheet HTML 3Page - Linear Technology LTC2365 Datasheet HTML 4Page - Linear Technology LTC2365 Datasheet HTML 5Page - Linear Technology LTC2365 Datasheet HTML 6Page - Linear Technology LTC2365 Datasheet HTML 7Page - Linear Technology LTC2365 Datasheet HTML 8Page - Linear Technology LTC2365 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LTC2312-14
1
231214fa
For more information www.linear.com/LTC2312-14
TYPICAL APPLICATION
FEATURES
DESCRIPTION
14-Bit, 500ksps Serial
Sampling ADC in TSOT
The LTC®2312-14 is a 14-bit, 500ksps, serial sampling
A/D converter that draws only 3.2mA from a single 3V
or 5V supply. The LTC2312-14 contains an integrated
low drift reference and reference buffer providing a low
cost, high performance (20ppm/°C maximum) and space
saving solution. The LTC2312-14 achieves outstanding
AC performance of 77dB SINAD and –85dB THD while
sampling at 500ksps. The extremely high sample rate-to-
power ratio makes the LTC2312-14 ideal for compact, low
power, high speed systems. The supply current decreases
at lower sampling rates as the device automatically enters
nap mode after conversions.
The LTC2312-14 has a high speed SPI-compatible serial
interface that supports 1.8V, 2.5V, 3V and 5V logic. The
fast 500ksps throughput with no-cycle latency makes
the LTC2312-14 ideally suited for a wide variety of high
speed applications.
Complete 14-/12-Bit Pin-Compatible SAR ADC Family
500ksps
2.5Msps
4.5Msps
5Msps
14-Bit
LTC2312-14 LTC2313-14 LTC2314-14
12-Bit
LTC2312-12 LTC2313-12
LTC2315-12
Power 3V/5V 9mW/15mW 14mW/25mW 18mW/31mW 19mW/32mW
APPLICATIONS
n
500ksps Throughput Rate
n
No Cycle Latency
n
Guaranteed 14-Bit No Missing Codes
n
Single 3V or 5V Supply
n
Low Noise: 77.5dB SNR
n
Low Power: 9mW at 500ksps and 3V Supply
n
Low Drift (20ppm/°C Maximum) 2.048V or 4.096V
Internal Reference
n
Sleep Mode with < 1µA Typical Supply Current
n
Nap Mode with Quick Wake-Up < 1 Conversion
n
Separate 1.8V to 5V Digital I/O Supply
n
High Speed SPI-Compatible Serial I/O
n
Guaranteed Operation from –40°C to 125°C
n
8-Lead TSOT-23 Package
n
Communication Systems
n
High Speed Data Acquisition
n
Handheld Terminal Interface
n
Medical Imaging
n
Uninterrupted Power Supplies
n
Battery Operated Systems
n
Automotive
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
5V Supply, Internal Reference, 500ksps, 14-Bit Sampling ADC
16k Point FFT, fS = 500ksps, fIN = 259kHz
231214 TA01b
INPUT FREQUENCY (kHz)
0
200
250
100
50
150
0
–20
–40
–60
–80
–100
–120
–140
–160
VDD = 5V
SNR = 77.5dBFS
SINAD = 77dBFS
THD = –85dB
SFDR = 88dB
SERIAL DATA LINK TO
ASIC, PLD, MPU, DSP
OR SHIFT REGISTERS
ANALOG INPUT
0V TO 4.096V
5V
2.2µF
2.2µF
2.2µF
231214 TA01
GND
VDD
REF
AIN
OVDD
SCK
CONV
SDO
LTC2312-14
DIGITAL OUTPUT SUPPLY
1.8V TO 5V


Similar Part No. - LTC2365

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2365 LINER-LTC2365 Datasheet
286Kb / 24P
1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
LTC2365 LINER-LTC2365 Datasheet
984Kb / 20P
14-Bit, 4.5Msps Serial Sampling ADC in TSOT
LTC2365 LINER-LTC2365 Datasheet
911Kb / 20P
12-Bit, 5Msps Serial Sampling ADC in TSOT
LTC2365 LINER-LTC2365 Datasheet
513Kb / 22P
12-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2365 LINER-LTC2365 Datasheet
1Mb / 18P
2GHz, 3.5mA Gain of 7 Stable Rail-to-Rail I/O Dual Op Amp
More results

Similar Description - LTC2365

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2360 LINER-LTC2360 Datasheet
327Kb / 20P
100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
LTC2314-14 LINER-LTC2314-14 Datasheet
984Kb / 20P
14-Bit, 4.5Msps Serial Sampling ADC in TSOT
LTC2315-12 LINER-LTC2315-12 Datasheet
911Kb / 20P
12-Bit, 5Msps Serial Sampling ADC in TSOT
LTC2314-14 LINER-LTC2314-14_15 Datasheet
668Kb / 22P
14-Bit, 4.5Msps Serial Sampling ADC in TSOT
LTC2312-12 LINER-LTC2312-12_15 Datasheet
513Kb / 22P
12-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2312-14 LINER-LTC2312-14_15 Datasheet
626Kb / 22P
14-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2313-14 LINER-LTC2313-14_15 Datasheet
1Mb / 22P
14-Bit, 2.5Msps Serial Sampling ADC in TSOT
LTC2315-12 LINER-LTC2315-12_15 Datasheet
695Kb / 22P
12-Bit, 5Msps Serial Sampling ADC in TSOT
LTC2313-12 LINER-LTC2313-12_15 Datasheet
1Mb / 22P
12-Bit, 2.5Msps Serial Sampling ADC in TSOT
LTC2312-12 LINER-LTC2312-12 Datasheet
513Kb / 22P
12-Bit, 500ksps Serial Sampling ADC in TSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com