Electronic Components Datasheet Search
  English  ▼

X  

LTC2365 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC2365
Description  14-Bit, 500ksps Serial Sampling ADC in TSOT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2365 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC2365 Datasheet HTML 14Page - Linear Technology LTC2365 Datasheet HTML 15Page - Linear Technology LTC2365 Datasheet HTML 16Page - Linear Technology LTC2365 Datasheet HTML 17Page - Linear Technology LTC2365 Datasheet HTML 18Page - Linear Technology LTC2365 Datasheet HTML 19Page - Linear Technology LTC2365 Datasheet HTML 20Page - Linear Technology LTC2365 Datasheet HTML 21Page - Linear Technology LTC2365 Datasheet HTML 22Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
LTC2312-14
22
231214fa
For more information www.linear.com/LTC2312-14
LINEAR TECHNOLOGY CORPORATION 2013
LT 1114 REV A • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LTC2312-14
RELATED PARTS
TYPICAL APPLICATION
Low Jitter Clock Timing with RF Sine Generator Using Clock
Squaring/Level-Shifting Circuit and Re-Timing Flip-Flop
PART NUMBER
DESCRIPTION
COMMENTS
ADCs
LTC2314-14
14-Bit, 4.5Msps Serial ADC
3V/5V, 18mW/31mW, 20ppm/°C Max Internal Reference, Single-
Ended, 8-Lead TSOT-23 Package
LTC2313-14
14-Bit, 2.5Msps Serial ADC
3V/5V, 14mW/25mW, 20ppm/°C Max Internal Reference,
Single-Ended Input, 8-Lead TSOT-23 Package
LTC1403A/LTC1403A-1
14-Bit, 2.8Msps Serial ADC
3V, 14mW, Unipolar/Bipolar Inputs, MSOP Package
LTC1407A/LTC1407A-1
14-Bit, 3Msps Simultaneous Sampling ADC
3V, 2-Channel Differential, Unipolar/Bipolar Inputs, 14mW,
MSOP Package
LTC2355/LTC2356
12-/14-Bit, 3.5Msps Serial ADC
3.3V Supply, Differential Inputs, 18mW, MSOP Package
LTC2365/LTC2366
12-Bit, 1Msps/3Msps Serial Sampling ADC
3.3V Supply, Single-Ended, 8mW, TSOT-23 Package
Amplifiers
LT6200/LT6201
Single/Dual Operational Amplifiers
165MHz, 0.95nV/√Hz
LT6230/LT6231
Single/Dual Operational Amplifiers
215MHz, 3.5mA/Amplifier, 1.1nV/√Hz
LT6236/LT6237
Single/Dual Operational Amplifier with
Low Wideband Noise
215MHz, 3.5mA/Amplifier, 1.1nV/√Hz
LT1818/LT1819
Single/Dual Operational Amplifiers
400MHz, 9mA/Amplifier, 6nV/√Hz
References
LTC6655-2.5/LTC6655-3.3
Precision Low Drift Low Noise Buffered Reference
2.5V/3.3V, 5ppm/°C, 0.25ppm Peak-to-Peak Noise,
MSOP-8 Package
LT1461-3/LT1461-3.3V
Precision Series Voltage Family
0.05% Initial Accuracy, 3ppm Drift
CONTROL
LOGIC
(FPGA, CPLD,
DSP, ETC.)
50
1k
1k
0.1µF
VCC
VCC
NC7SVU04P5X
NL17SZ74
NC7SVUO4P5X
MASTER CLOCK
SDO ENABLE
D
PRE
CLR
CONV
Q
CONV
SCK
SDO
>
LTC2312-14
33
231214 TA02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com