Electronic Components Datasheet Search
  English  ▼

X  

LT1819 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1819
Description  14-Bit, 500ksps Serial Sampling ADC in TSOT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1819 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1819 Datasheet HTML 5Page - Linear Technology LT1819 Datasheet HTML 6Page - Linear Technology LT1819 Datasheet HTML 7Page - Linear Technology LT1819 Datasheet HTML 8Page - Linear Technology LT1819 Datasheet HTML 9Page - Linear Technology LT1819 Datasheet HTML 10Page - Linear Technology LT1819 Datasheet HTML 11Page - Linear Technology LT1819 Datasheet HTML 12Page - Linear Technology LT1819 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
LTC2312-14
9
231214fa
For more information www.linear.com/LTC2312-14
TIMING DIAGRAMS
BLOCK DIAGRAM
231214 BD
4
–
+
S/H
2.5V LDO
2
×/4×
1.024V
BANDGAP
TIMING
LOGIC
1
6
7
8
THREE-STATE
SERIAL
OUTPUT
PORT
14-BIT SAR ADC
2
3
AIN
REF
VDD
OVDD
2.2µF
GND
ANALOG
INPUT RANGE
0V TO VREF
ANALOG SUPPLY
3V OR 5V
I/O INTERFACE SUPPLY
RANGE 1.8V TO 5V
5
2.2µF
2.2µF
SDO
SCK
CONV
TS8 PACKAGE
ALL CAPACITORS UNLESS
NOTED ARE HIGH QUALITY,
CERAMIC CHIP TYPE
231214 TD04
231214 TD03
231214 TD02
231214 TD01
Hi-Z
CONV
OVDD/2
SDO
t8
OVDD/2
t7
Figure 1. SDO Enabled After CONV
↓
Figure 3. SDO Data Valid Hold After SCK
↓
Figure 2. SDO Into Hi-Z After CONV
↑
Figure 4. SDO Data Valid Access After SCK
↓
VOH
VOL
SCK
SDO
Hi-Z
MSB
CONV
OVDD/2
SDO
t3
VOH
VOL
SCK
OVDD/2
SDO
t4
VOH
VOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com