Electronic Components Datasheet Search
  English  ▼

X  

LT1819 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1819
Description  14-Bit, 500ksps Serial Sampling ADC in TSOT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1819 Datasheet(HTML) 5 Page - Linear Technology

  LT1819 Datasheet HTML 1Page - Linear Technology LT1819 Datasheet HTML 2Page - Linear Technology LT1819 Datasheet HTML 3Page - Linear Technology LT1819 Datasheet HTML 4Page - Linear Technology LT1819 Datasheet HTML 5Page - Linear Technology LT1819 Datasheet HTML 6Page - Linear Technology LT1819 Datasheet HTML 7Page - Linear Technology LT1819 Datasheet HTML 8Page - Linear Technology LT1819 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LTC2312-14
5
231214fa
For more information www.linear.com/LTC2312-14
ADC TIMING CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fSAMPLE(MAX) Maximum Sampling Frequency
(Notes 7, 8)
l
500
kHz
fSCK
Shift Clock Frequency
(Notes 7, 8)
l
20
MHz
tSCK
Shift Clock Period
l
50
ns
tTHROUGHPUT Minimum Throughput Time, tACQ + tCONV
l
2000
ns
tCONV
Conversion Time
l
1300
ns
tACQ
Acquisition Time
l
700
ns
t1
Minimum CONV Pulse Width
(Note 7), Valid for Nap and Sleep Modes Only
l
10
ns
t2
SCK↑ Setup Time After CONV↓
(Note 7)
l
10
ns
t3
SDO Enable Time After CONV↓
(Notes 7, 8)
l
10
ns
t4
SDO Data Valid Access Time after SCK↓
(Notes 7, 8, 9)
l
11
ns
t5
SCK Low Time
l
10
ns
t6
SCK High Time
l
10
ns
t7
SDO Data Valid Hold Time After SCK↓
(Notes 7, 8, 9)
l
1
ns
t8
SDO into Hi-Z State Time After CONV↑
(Notes 7, 8, 10)
l
3
10
ns
t9
CONV↑ Quiet Time After 14th SCK↓
(Note 7)
l
15
ns
tWAKE_NAP
Power-Up Time from Nap Mode
See Nap Mode Section
50
ns
tWAKE_SLEEP Power-Up Time from Sleep Mode
See Sleep Mode Section
1.1
ms
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)
Note 1. Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2. All voltage values are with respect to ground.
Note 3. When these pin voltages are taken below ground or above VDD
(AIN, REF) or OVDD (SCK, CONV, SDO) they will be clamped by internal
diodes. This product can handle input currents up to 100mA below ground
or above VDD or OVDD without latch-up.
Note 4. VDD = 5V, OVDD = 2.5V, fSMPL = 500kHz, fSCK = 20MHz, AIN =
–1dBFS and internal reference unless otherwise noted.
Note 5. Integral nonlinearity is defined as the deviation of a code from a
straight line passing through the actual endpoints of the transfer curve.
The deviation is measured from the center of the quantization band.
Note 6. Typical RMS noise at code transitions.
Note 7. Parameter tested and guaranteed at OVDD = 2.5V. All input signals
are specified with tr = tf = 1ns (10% to 90% of OVDD) and timed from a
voltage level of OVDD/2.
Note 8. All timing specifications given are with a 10pF capacitance load.
Load capacitances greater than this will require a digital buffer.
Note 9. The time required for the output to cross the VOH or VOL voltage.
Note 10. Guaranteed by design, not subject to test.
Note 11. Recommended operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com