Electronic Components Datasheet Search
  English  ▼

X  

C1227 Datasheet(PDF) 1 Page - IMP, Inc

Part # C1227
Description  HV BiCMOS 1.2mm 30V Double Metal - Double Poly
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

C1227 Datasheet(HTML) 1 Page - IMP, Inc

  C1227 Datasheet HTML 1Page - IMP, Inc C1227 Datasheet HTML 2Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
71
© IMP, Inc.
Process C1227
HV BiCMOS 1.2
µm
30V Double Metal - Double Poly
Electrical Characteristics
T=25oC Unless otherwise noted
ISO 9001 Registered
®
Symbol
Minimum
Typical
Maximum
Unit
Comments
N-Channel High Voltage Transistor
Threshold Voltage
HVTN
0.7
0.9
1.1
V
Punch Through Voltage
HVBVDSSP
36
V
ON Resistance
HVPR0N
1.4
m
Ω-@VGS = 5V
cm2
VDS = 0.1V
Operating Voltage
VGS = 5V
V
VDS = 30V
N-Channel Low Voltage Transistor
Threshold Voltage
VTN
0.4
0.6
0.8
V
100x1.4
µm
Body Factor
γN
0.50
0.65
0.80
V1/2
100x1.4
µm
Conduction Factor
βN
64.0
75.0
86.0
µA/V2
100x100
µm
Effective Channel Length
LeffN
1.20
1.35
1.50
µm
100x1.4
µm
Width Encroachment
∆WN
0.45
µm
Per side
Punch Through Voltage
BVDSSN
8V
Poly Field Threshold Voltage
VTFPN
10
18
V
Vertical NPN Transistor
Symbol
Minimum
Typical
Maximum
Unit
Comments
Beta
hFE
50
140
240
4.5x4.5
µm
Early Voltage
VA
34
V
Cut-Off Frequency
fτ
1.89
GHz
Capacitance
Symbol
Minimum
Typical
Maximum
Unit
Comments
Gate Oxide
COX
1.338
1.439
1.569
fF/
µm2
Metal-1 to Poly1
CM1P
0.040
0.046
0.052
fF/
µm2
Metal-2 to Metal-1
CMM
0.043
0.050
0.057
fF/
µm2
Symbol
Minimum
Typical
Maximum
Unit
Comments
P-Channel High Voltage Transistor
Threshold Voltage
HVTP
– 0.7
– 0.9
–1.1
V
Punch Through Voltage
HVBVDSSP
–36
V
ON Resistance
HVPR0N
11.0
m
Ω-@VGS = –5V
cm2
@VDS = –0.1V
P-Channel Low Voltage Transistor
Threshold Voltage
VTP
– 0.8
– 0.6
– 0.4
V
100x1.4
µm
Body Factor
γ P
0.35
0.50
0.65
V1/2
100x1.4
µm
Conduction Factor
β P
20.0
25.0
30.0
µA/V2 100x100µm
Effective Channel Length
LeffP
1.35
1.50
1.65
µm
100x1.4
µm
Width Encroachment
∆WP
0.40
µm
Per side
Punch Through Voltage
BVDSSP
–8
V
Poly Field Threshold Voltage
VTFP(P)
–10
–18
V


Similar Part No. - C1227

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
C122 SSDI-C122 Datasheet
215Kb / 4P
8-A Silicon Controlled Rectifiers
logo
Digitron Semiconductors
C122 DIGITRON-C122 Datasheet
358Kb / 4P
8A SILICON CONTROLLED RECTIFIERS
logo
New Jersey Semi-Conduct...
C122 NJSEMI-C122 Datasheet
91Kb / 1P
C122 SERIES
logo
Hamamatsu Corporation
C12200-461 HAMAMATSU-C12200-461 Datasheet
555Kb / 2P
X-ray TDI Camera
logo
TDK Electronics
C1220CH0G105B020A TDK-C1220CH0G105B020A Datasheet
110Kb / 8P
Part Number Change Notification
More results

Similar Description - C1227

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STKM2000 STMICROELECTRONICS-STKM2000 Datasheet
111Kb / 10P
2 u/2 POLY/2 METAL BiCMOS MIXED ANALOG-DIGITAL STANDARD CELLS
Nov-1989
logo
IMP, Inc
C1226 IMP-C1226 Datasheet
42Kb / 2P
CMOS 1.2um 100V CMOS, Double Metal - Double Poly
logo
Pasternack Enterprises,...
PE71S6065 PASTERNACK-PE71S6065 Datasheet
389Kb / 4P
Double Pole Double Throw Relay Switch
PE71S6066 PASTERNACK-PE71S6066 Datasheet
388Kb / 4P
Double Pole Double Throw Relay Switch
PE71S6068 PASTERNACK-PE71S6068 Datasheet
402Kb / 4P
Double Pole Double Throw Relay Switch
logo
Glenair, Inc.
667-217 GLENAIR-667-217 Datasheet
152Kb / 1P
Double-Start ACME Thread Metal Protective Cover
logo
PHOENIX CONTACT
3000610 PHOENIX-3000610 Datasheet
82Kb / 6P
Double-level terminal block - UTTB 4 HV
logo
List of Unclassifed Man...
CA2W ETC1-CA2W Datasheet
225Kb / 5P
Air Cylinder/Double Acting Double Rod
logo
WAGO Kontakttechnik Gmb...
2002-2951 WAGO-2002-2951 Datasheet
679Kb / 19P
Double-deck, double-disconnect terminal block
23.11.2021
2002-2958 WAGO-2002-2958 Datasheet
716Kb / 19P
Double-deck, double-disconnect terminal block
24.11.2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com