Electronic Components Datasheet Search
  English  ▼

X  

LT5526 Datasheet(PDF) 3 Page - Linear Technology

Part # LT5526
Description  High Linearity, Low Power Downconverting Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5526 Datasheet(HTML) 3 Page - Linear Technology

  LT5526 Datasheet HTML 1Page - Linear Technology LT5526 Datasheet HTML 2Page - Linear Technology LT5526 Datasheet HTML 3Page - Linear Technology LT5526 Datasheet HTML 4Page - Linear Technology LT5526 Datasheet HTML 5Page - Linear Technology LT5526 Datasheet HTML 6Page - Linear Technology LT5526 Datasheet HTML 7Page - Linear Technology LT5526 Datasheet HTML 8Page - Linear Technology LT5526 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT5526
5526f
AC ELECTRICAL CHARACTERISTICS V
CC = 5V, EN = 3V, TA = 25°C, PRF = –15dBm (–15dBm/tone for 2-tone
IIP3 tests, ∆f = 1MHz), PLO = –5dBm, unless otherwise noted. Test circuits shown in Figures 1 and 2. (Notes 2, 3)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RF to LO Isolation
fRF = 350MHz, fIF = 70MHz, fLO = 420MHz
69
dB
fRF = 900MHz, fIF = 140MHz, fLO = 760MHz
55
dB
fRF = 1900MHz, fIF = 140MHz, fLO = 1760MHz
50
dB
Conversion Gain
fRF = 350MHz, fIF = 70MHz, fLO = 420MHz
0.6
dB
fRF = 900MHz, fIF = 140MHz, fLO = 760MHz
0.6
dB
fRF = 1900MHz, fIF = 140MHz, fLO = 1760MHz
0.4
dB
Conversion Gain vs Temperature
TA = –40°C to 85°C
–0.013
dB/°C
Input 3rd Order Intercept
fRF = 350MHz, fIF = 70MHz, fLO = 420MHz
15.2
dBm
fRF = 900MHz, fIF = 140MHz, fLO = 760MHz
16.5
dBm
fRF = 1900MHz, fIF = 140MHz, fLO = 1760MHz
14.1
dBm
Single Sideband Noise Figure
fRF = 350MHz, fIF = 70MHz, fLO = 420MHz
12.7
dB
fRF = 900MHz, fIF = 140MHz, fLO = 760MHz
11.0
dB
fRF = 1900MHz, fIF = 140MHz, fLO = 1760MHz
13.7
dB
LO to RF Leakage
fRF = 350MHz, fIF = 70MHz, fLO = 420MHz
–65
dBm
fRF = 900MHz, fIF = 140MHz, fLO = 760MHz
–65
dBm
fRF = 1900MHz, fIF = 140MHz, fLO = 1760MHz
–55
dBm
LO to IF Leakage
fRF = 350MHz, fIF = 70MHz, fLO = 420MHz
–56
dBm
fRF = 900MHz, fIF = 140MHz, fLO = 760MHz
–74
dBm
fRF = 1900MHz, fIF = 140MHz, fLO = 1760MHz
–37
dBm
2RF-2LO Output Spurious Product
350MHz: fRF = 385MHz at –15dBm, fLO = 420MHz
–75
dBc
(fRF = fLO ± fIF/2)
900MHZ: fRF = 830MHz at –15dBm, fLO = 760MHz
–72
dBc
1900MHz: fRF = 1830MHz at –15dBm, fLO = 1760MHz
–48
dBc
3RF-3LO Output Spurious Product
350MHz: fRF = 396.67MHz at –15dBm, fLO = 420MHz
–65
dBc
(fRF = fLO ± fIF/3)
900MHZ: fRF = 806.67MHz at –15dBm, fLO = 760MHz
–68
dBc
1900MHz: fRF = 1806.67MHz at –15dBm, fLO = 1760MHz
–56
dBc
Input 1dB Compression
fRF = 350MHz, fIF = 70MHz, fLO = 420MHz
5
dBm
fRF = 900MHz, fIF = 140MHz, fLO = 760MHz
5
dBm
fRF = 1900MHz, fIF = 140MHz, fLO = 1760MHz
1
dBm
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The 900MHz and 1900MHz performance is measured with the test
circuit shown in Figure 1. The 350MHz performance is measured using the
test circuit in Figure 2.
Note 3: Specifications over the –40°C to 85°C temperature range are
assured by design, characterization and correlation with statistical process
controls.
Note 4: Operation over a wider frequency range is possible with reduced
performance. Consult the factory for information and assistance.
Note 5: Turn-on and turn-off times correspond to a change in the output
level by 40dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com