Electronic Components Datasheet Search
  English  ▼

X  

LT5526 Datasheet(PDF) 4 Page - Linear Technology

Part # LT5526
Description  High Linearity, Low Power Downconverting Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5526 Datasheet(HTML) 4 Page - Linear Technology

  LT5526 Datasheet HTML 1Page - Linear Technology LT5526 Datasheet HTML 2Page - Linear Technology LT5526 Datasheet HTML 3Page - Linear Technology LT5526 Datasheet HTML 4Page - Linear Technology LT5526 Datasheet HTML 5Page - Linear Technology LT5526 Datasheet HTML 6Page - Linear Technology LT5526 Datasheet HTML 7Page - Linear Technology LT5526 Datasheet HTML 8Page - Linear Technology LT5526 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT5526
5526f
TYPICAL AC PERFOR A CE CHARACTERISTICS 900MHz Application. VCC = 5V, EN = 3V,
TA = 25°C, PRF = –15dB (–15dBm/tone for 2-tone IIP3 tests, ∆f = 1MHz), fLO = fRF – 140MHz, PLO = –5dBm, IF output measured at
140MHz, unless otherwise noted. Test circuit shown in Figure 1.
Conversion Gain, IIP3 and SSB NF
vs RF Frequency (Low Side LO)
Conversion Gain and IIP3
vs LO Input Power
Conversion Gain and IIP3
vs Supply Voltage
SSB Noise Figure
vs LO Input Power
RF, LO and IF Port Return Loss
vs Frequency
Conversion Gain, IIP3 and SSB NF
vs Temperature
IF Output Power and IM3 vs RF
Input Power (Two Input Tones)
LO-IF and LO-RF Leakage
vs LO Input Frequency
RF FREQUENCY (MHz)
600
–2
2
6
10
14
800
1000
5526 G01
1400
18
0
4
8
12
16
20
IIP3
GAIN
1200
SSB NF
TA = 25°C
fIF = 140MHz
RF FREQUENCY (MHz)
600
–2
2
6
10
14
800
1000
5526 G02
1400
18
0
4
8
12
16
20
IIP3
GAIN
1200
SSB NF
TA = 25°C
fIF = 140MHz
TEMPERATURE (°C)
–50
15
20
IIP3
25
10
50
5526 G03
10
5
–30
–10
30
70
90
0
–5
LOW SIDE LO
fIF = 140MHz
LOW SIDE LO
LOW AND HIGH SIDE LO
HIGH SIDE LO
HIGH SIDE LO
SSB NF
GAIN
Conversion Gain, IIP3 and SSB NF
vs RF Frequency (High Side LO)
LO INPUT POWER (dBm)
–12
15
20
IIP3
GAIN
25
–6
–2
5526 G04
10
5
–10
–8
–4
0
2
0
–5
25°C
85°C
–40°C
fLO = 760MHz
fIF = 140MHz
LO INPUT POWER (dBm)
–12
15
–6
5526 G05
12
10
–10
–8
–4
9
8
16
14
13
11
–2
0
2
25°C
85°C
–40°C
fLO = 760MHz
fIF = 140MHz
LO FREQUENCY (MHz)
500
–40
–20
0
1300
5526 G06
–60
–80
–50
–30
LO-RF
–10
–70
–90
–100
700
900
1100
1500
TA = 25°C
fIF = 140MHz
LO-IF
SUPPLY VOLTAGE (V)
2.8
15
20
IIP3
GAIN
25
4.0
4.8
5526 G07
10
5
3.2
3.6
4.4
5.2
5.6
0
–5
25°C
85°C
–40°C
fLO = 760MHz
fIF = 140MHz
FREQUENCY (MHz)
0
–30
–25
–20
–15
–10
–5
0
500
1000
1500
2000
5526 G08
RF PORT
LO PORT
IF PORT
RF INPUT POWER (dBm/TONE)
–20
–100
–90
–70
–60
–50
0
–30
–15
–10
5526 G09
–80
–20
POUT
IM3
–10
–40
–5
0
25°C
85°C
–40°C
fLO = 760MHz
fIF = 140MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com