Electronic Components Datasheet Search
  English  ▼

X  

LTC2602 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2602
Description  Dual, 16-Bit, 2Msps Differential Input ADC with Wide Input Common Mode Range
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2602 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2602 Datasheet HTML 10Page - Linear Technology LTC2602 Datasheet HTML 11Page - Linear Technology LTC2602 Datasheet HTML 12Page - Linear Technology LTC2602 Datasheet HTML 13Page - Linear Technology LTC2602 Datasheet HTML 14Page - Linear Technology LTC2602 Datasheet HTML 15Page - Linear Technology LTC2602 Datasheet HTML 16Page - Linear Technology LTC2602 Datasheet HTML 17Page - Linear Technology LTC2602 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
LTC2321-16
14
232116fc
For more information www.linear.com/2321-16
applicaTions inForMaTion
Single-Ended-to-Differential Conversion
While single-ended signals can be directly digitized as
previously discussed, single-ended to differential conver-
sion circuits may also be used when higher dynamic range
is desired. By producing a differential signal at the inputs
of the LTC2321-16, the signal swing presented to the ADC
is maximized, thus increasing the achievable SNR.
The LT®1819 high speed dual operational amplifier is
recommended for performing single-ended-to-differen-
tial conversions, as shown in Figure 8. In this case, the
first amplifier is configured as a unity-gain buffer and the
single-ended input signal directly drives the high imped-
ance input of this amplifier.
Fully-Differential Inputs
ToachievethefulldistortionperformanceoftheLTC2321-16,
a low distortion fully-differential signal source driven
through the LT1819 configured as two unity-gain buf-
fers, as shown in Figure 9, can be used. This circuit
achieves the full data sheet THD specification of –85dB
at input frequencies of 500kHz and less. Data sheet typical
performance curves taken at higher frequencies used a
harmonic rejection filter between the ADC and the signal
source to eliminate the op amp as the dominant source
of distortion.
The fully-differential configuration yields an analog input
span (AIN+ – AIN–) of ±REFOUT. In this configuration, the
input signal is driven on each AIN pin, typically at equal
spans but opposite polarity. This yields a high common
mode rejection on the input signals. The common mode
voltage of the analog input can be anywhere within the
VDD input range, but will be limited by the peak swing of
the full-range input signal. For example, if the internal ref-
erence is used with VDD = 5VDC, the full-range input span
will be ±4.096V. Half of the input span is typically driven
on each AIN pin, yielding a signal span for each AIN pin of
4.096VP-P. This leaves ~0.9V of common mode variation
tolerance. When using external references, it is possible
to increase common mode tolerance by compressing the
ADC full-range codes into a tighter range. For example,
using an external 2.048V reference with VDD = 5V the
total span would be ±2.048V and each AIN span would
be limited to 2.048VP-P allowing a common mode range
of ~3V. Compressing the input span would incur a SNR
penalty of approximately 2.5dB. Input span compression
Figure 8. Single-Ended to Differential Driver
Figure 9. LT1819 Buffering a Fully-Differential Signal Source
VREF
0V
VREF
0V
VREF
0V
VREF/2
+
–
+
–
200
200
LT1819
232116 F08
VREF
0V
VREF
0V
VREF
0V
VREF
0V
+
–
+
–
LT1819
232116 F09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com