Electronic Components Datasheet Search
  English  ▼

X  

LTC4006 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4006
Description  4A, High Efficiency, Standalone Li-Ion Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4006 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4006 Datasheet HTML 8Page - Linear Technology LTC4006 Datasheet HTML 9Page - Linear Technology LTC4006 Datasheet HTML 10Page - Linear Technology LTC4006 Datasheet HTML 11Page - Linear Technology LTC4006 Datasheet HTML 12Page - Linear Technology LTC4006 Datasheet HTML 13Page - Linear Technology LTC4006 Datasheet HTML 14Page - Linear Technology LTC4006 Datasheet HTML 15Page - Linear Technology LTC4006 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LTC4006
sn4006 4006is
APPLICATIO S I FOR ATIO
Figure 9. Adapter Current Limiting
Table 5. Common RCL Resistor Values
ADAPTER
RCL VALUE*
RCL POWER
RCL POWER
RATING (A)
(
Ω) 1%
DISSIPATION (W)
RATING (W)
1.5
0.06
0.135
0.25
1.8
0.05
0.162
0.25
2
0.045
0.18
0.25
2.3
0.039
0.206
0.25
2.5
0.036
0.225
0.5
2.7
0.033
0.241
0.5
3
0.03
0.27
0.5
* Values shown above are rounded to nearest standard value.
As is often the case, the wall adapter will usually have at
least a +10% current limit margin and many times one can
simply set the adapter current limit value to the actual
adapter rating (see Table 5).
Designing the Thermistor Network
There are several networks that will yield the desired
function of voltage vs temperature needed for proper
operation of the thermistor. The simplest of these is the
voltage divider shown in Figure 10. Unfortunately, since
the HIGH/LOW comparator thresholds are fixed internally,
there is only one thermistor type that can be used in this
network; the thermistor must have a HIGH/LOW resis-
tance ratio of 1:7. If this happy circumstance is true for
you, then simply set R9 = RTH(LOW)
If you are using a thermistor that doesn’t have a 1:7 HIGH/
LOW ratio, or you wish to set the HIGH/LOW limits to
different temperatures, then the more generic network in
Figure 11 should work.
Once the thermistor, RTH, has been selected and the
thermistor value is known at the temperature limits, then
resistors R9 and R9A are given by:
For NTC thermistors:
R9 = 6 RTH(LOW) • RTH(HIGH)/(RTH(LOW) – RTH(HIGH))
R9A = 6 RTH(LOW) • RTH(HIGH)/(RTH(LOW) – 7 • RTH(HIGH))
For PTC thermistors:
R9 = 6 RTH(LOW) • RTH(HIGH)/(RTH(HIGH) – RTH(LOW))
R9A = 6 RTH(LOW)•RTH(HIGH)/(RTH(HIGH)–7• RTH(LOW))
100mV
–
+
5k
CLP
LTC4006
18
CLN
19
4006 F09
15nF
+
RCL*
CIN
VIN
CL1
AC ADAPTER
INPUT
*RCL =
100mV
ADAPTER CURRENT LIMIT
+
Example:
VDCIN = 19V, fOSC = 345kHz, QG1 = QG2 = 15nC.
PD = 292mW
Adapter Limiting
An important feature of the LTC4006 is the ability to
automatically adjust charging current to a level which
avoids overloading the wall adapter. This allows the prod-
uct to operate at the same time that batteries are being
charged without complex load management algorithms.
Additionally, batteries will automatically be charged at the
maximum possible rate of which the adapter is capable.
This feature is created by sensing total adapter output
current and adjusting charging current downward if a
preset adapter current limit is exceeded. True analog
control is used, with closed-loop feedback ensuring that
adapter load current remains within limits. Amplifier CL1
in Figure 9 senses the voltage across RCL, connected
between the CLP and DCIN pins. When this voltage ex-
ceeds 100mV, the amplifier will override programmed
charging current to limit adapter current to 100mV/RCL. A
lowpass filter formed by 5k
Ω and 15nF is required to
eliminate switching noise. If the current limit is not used,
CLP should be connected to CLN.
Setting Input Current Limit
To set the input current limit, you need to know the
minimum wall adapter current rating. Subtract 5% for the
input current limit tolerance and use that current to deter-
mine the resistor value.
RCL = 100mV/ILIM
ILIM = Adapter Min Current –
(Adapter Min Current • 5%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com