Electronic Components Datasheet Search
  English  ▼

X  

LTC4006 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4006
Description  4A, High Efficiency, Standalone Li-Ion Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4006 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4006 Datasheet HTML 8Page - Linear Technology LTC4006 Datasheet HTML 9Page - Linear Technology LTC4006 Datasheet HTML 10Page - Linear Technology LTC4006 Datasheet HTML 11Page - Linear Technology LTC4006 Datasheet HTML 12Page - Linear Technology LTC4006 Datasheet HTML 13Page - Linear Technology LTC4006 Datasheet HTML 14Page - Linear Technology LTC4006 Datasheet HTML 15Page - Linear Technology LTC4006 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LTC4006
sn4006 4006is
Example #1: 10k
Ω NTC with custom limits
TLOW = 0
°C, THIGH = 50°C
RTH = 10k at 25°C,
RTH(LOW) = 32.582k at 0°C
RTH(HIGH) = 3.635k at 50°C
R9 = 24.55k
→ 24.3k (nearest 1% value)
R9A = 99.6k
→ 100k (nearest 1% value)
Example #2: 100k
Ω NTC
TLOW = 5
°C, THIGH = 50°C
RTH = 100k at 25°C,
RTH(LOW) = 272.05k at 5°C
RTH(HIGH) = 33.195k at 50°C
R9 = 226.9k
→ 226k (nearest 1% value)
R9A = 1.365M
→ 1.37M (nearest 1% value)
Example #3: 22k
Ω PTC
TLOW = 0
°C, THIGH = 50°C
RTH = 22k at 25°C,
RTH(LOW) = 6.53k at 0°C
RTH(HIGH) = 61.4k at 50°C
R9 = 43.9k
→ 44.2k (nearest 1% value)
R9A = 154k
Sizing the Thermistor Hold Capacitor
During the hold interval, C7 must hold the voltage across
the thermistor relatively constant to avoid false readings.
A reasonable amount of ripple on NTC during the hold
interval is about 10mV to 15mV. Therefore, the value of C7
is given by:
C7 = tHOLD/(R9/7 • –ln(1 – 8 • 15mV/4.5V))
= 10 • RRT • 17.5pF/(R9/7 • – ln(1 – 8 • 15mV/4.5V)
Example:
R9 = 24.3k
RRT = 309k (~2 hour timer)
C7 = 0.58
µF → 0.56µF (nearest value)
APPLICATIO S I FOR ATIO
Disabling the Thermistor Function
If the thermistor is not needed, connecting a resistor
between DCIN and NTC will disable it. The resistor should
be sized to provide at least 10
µAwiththeminimumvoltage
applied to DCIN and 10V at NTC. Do not exceed 30
µA into
NTC. Generally, a 301k resistor will work for DCIN less
than 15V. A 499k resistor is recommended for DCIN
between 15V and 24V.
PCB Layout Considerations
For maximum efficiency, the switch node rise and fall times
should be minimized. To prevent magnetic and electrical
field radiation and high frequency resonant problems,
proper layout of the components connected to the IC is
essential. (See Figure 12.) Here is a PCB layout priority list
for proper layout. Layout the PCB using this specific order.
1. Input capacitors need to be placed as close as possible
to switching FET’s supply and ground connections.
Shortest copper trace connections possible. These
parts must be on the same layer of copper. Vias must
not be used to make this connection.
2. The control IC needs to be close to the switching FET’s
gate terminals. Keep the gate drive signals short for a
clean FET drive. This includes IC supply pins that con-
nect to the switching FET source pins. The IC can be
placed on the opposite side of the PCB relative to above.
3. Place inductor input as close as possible to switching
FET’s output connection. Minimize the surface area of
this trace. Make the trace width the minimum amount
needed to support current—no copper fills or pours.
Avoid running the connection using multiple layers in
parallel. Minimize capacitance from this node to any
other trace or plane.
4. Place the output current sense resistor right next to
the inductor output but oriented such that the IC’s
Figure 10. Voltage Divider Thermistor Network
Figure 11. General Thermistor Network
LTC4006
NTC
R9
C7
RTH
4006 F10
LTC4006
NTC
R9
C7
R9A
RTH
4006 F11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com