Electronic Components Datasheet Search
  English  ▼

X  

LTC2271 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2271
Description  18-Bit, 5Msps SAR ADC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2271 Datasheet(HTML) 3 Page - Linear Technology

  LTC2271 Datasheet HTML 1Page - Linear Technology LTC2271 Datasheet HTML 2Page - Linear Technology LTC2271 Datasheet HTML 3Page - Linear Technology LTC2271 Datasheet HTML 4Page - Linear Technology LTC2271 Datasheet HTML 5Page - Linear Technology LTC2271 Datasheet HTML 6Page - Linear Technology LTC2271 Datasheet HTML 7Page - Linear Technology LTC2271 Datasheet HTML 8Page - Linear Technology LTC2271 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LTC2385-18
3
238518f
For more information www.linear.com/LTC2385-18
CONVERTER CHARACTERISTICS
DYNAMIC ACCURACY
INTERNAL REFERENCE CHARACTERISTICS
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 5)
The l denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C and AIN = –1dBFS. (Notes 5, 10)
The l denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. (Note 5)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution
l
18
Bits
No Missing Codes
l
18
Bits
Transition Noise
1.4
LSBRMS
INL
Integral Linearity Error
REFBUF = 4.096V (Notes 7, 9)
l
–1.5
±0.6
1.5
LSB
DNL
Differential Linearity Error
l
–0.9
±0.2
0.9
LSB
ZSE
Zero-Scale Error
(Note 8)
l
–10
±1.5
10
LSB
Zero-Scale Error Drift
0.02
LSB/°C
FSE
Full-Scale Error
REFBUF = 4.096V (REFBUF Overdriven) (Notes 8, 9)
REFIN = 2.048V (REFIN Overdriven) (Note 8)
l
l
–20
–160
±5
±25
20
160
LSB
LSB
Full-Scale Error Drift
REFBUF = 4.096V (REFBUF Overdriven) (Note 9)
REFIN = 2.048V (REFIN Overdriven)
±0.1
±1.5
ppm/°C
ppm/°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SINAD
Signal-to-(Noise + Distortion) Ratio
fIN = 2kHz
fIN = 1MHz
l
l
93.8
92.7
96
94.6
dB
dB
SNR
Signal-to-Noise Ratio
fIN = 2kHz
fIN = 1MHz
l
l
94
93.2
96.2
95.7
dB
dB
THD
Total Harmonic Distortion
(First Five Harmonics)
fIN = 2kHz
fIN = 1MHz
l
l
–117
–100
–108
–97
dB
dB
SFDR
Spurious Free Dynamic Range
fIN = 2kHz
fIN = 1MHz
l
l
108
97
119
101
dB
dB
–3dB Input Bandwidth
200
MHz
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VREFIN
Internal Reference Output Voltage
IOUT = 0μA
2.043
2.048
2.053
V
VREFIN Temperature Coefficient
(Note 11)
l
±5
±20
ppm/°C
REFIN Output Impedance
15
kΩ
VREFIN Line Regulation
VDD = 4.75V to 5.25V
0.3
mV/V
REFIN Input Voltage Range
(REFIN Overdriven) (Note 6)
l
2.008
2.048
2.088
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com