Electronic Components Datasheet Search
  English  ▼

X  

LTC2271 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2271
Description  18-Bit, 5Msps SAR ADC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2271 Datasheet(HTML) 4 Page - Linear Technology

  LTC2271 Datasheet HTML 1Page - Linear Technology LTC2271 Datasheet HTML 2Page - Linear Technology LTC2271 Datasheet HTML 3Page - Linear Technology LTC2271 Datasheet HTML 4Page - Linear Technology LTC2271 Datasheet HTML 5Page - Linear Technology LTC2271 Datasheet HTML 6Page - Linear Technology LTC2271 Datasheet HTML 7Page - Linear Technology LTC2271 Datasheet HTML 8Page - Linear Technology LTC2271 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LTC2385-18
4
238518f
For more information www.linear.com/LTC2385-18
REFERENCE BUFFER CHARACTERISTICS
DIGITAL INPUTS AND DIGITAL OUTPUTS
The l denotes the specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. (Note 5)
The l denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. (Note 5)
POWER REQUIREMENTS The
l
denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 5)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VREFBUF Reference Buffer Output Voltage VREFIN = 2.048V
l
4.090
4.096
4.102
V
REFBUF Input Voltage Range
(REFBUF Overdriven) (Notes 6, 9)
l
4.016
4.096
4.176
V
IREFBUF
REFBUF Load Current
VREFBUF = 4.096V (REFBUF Overdriven) (Notes 9, 12)
VREFBUF = 4.096V, Sleep Mode (REFBUF Overdriven) (Note 9)
l
0.9
0.5
1.1
mA
mA
VCM
Common Mode Output
VREFBUF = 4.096V, IOUT = 0μA
2.028
2.048
2.068
V
VCM Output Impedance
–1mA < IOUT < 1mA
l
15
Ω
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PD, TESTPAT, TWOLANES
VIH
High Level Input Voltage
VDDL = OVDD = 2.5V
l
1.7
V
VIL
Low Level Input Voltage
VDDL = OVDD = 2.5V
l
0.6
V
IIN
Digital Input Current
VIN = 0V to 2.5V
l
–10
10
μA
CIN
Digital Input Capacitance
3
pF
CNV+, Single-Ended Convert Start Mode (CNV– Tied to GND)
VIH
High Level Input Voltage
VDDL = 2.5V
l
1.7
V
VIL
Low Level Input Voltage
VDDL = 2.5V
l
0.6
V
CIN
Digital Input Capacitance
2
pF
CNV+/CNV–, Differential Convert Start Mode
VID
Differential Input Voltage
(Note 13)
l
175
350
650
mV
VICM
Common Mode Input Voltage
l
0.8
1.25
1.7
V
CLK+/CLK– (LVDS Clock Input)
VID
Differential Input Voltage
(Note 13)
l
175
350
650
mV
VICM
Common Mode Input Voltage
l
0.8
1.25
1.7
V
DCO+/DCO–, DA+/DA–, DB+/DB– (LVDS Outputs)
VOD
Differential Output Voltage
100Ω Differential Load
l
247
350
454
mV
VOS
Common Mode Output Voltage
100Ω Differential Load
l
1.125
1.25
1.375
V
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Supply Voltage
(Note 6)
l
4.75
5
5.25
V
VDDL
Supply Voltage
(Note 6)
l
2.375
2.5
2.625
V
OVDD
Supply Voltage
(Note 6)
l
2.375
2.5
2.625
V
IVDD
IVDDL
IOVDD
IPOWERDOWN
IPOWERDOWN
Supply Current
Supply Current
Supply Current
Power-Down Mode Current
Power-Down Mode Current
5Msps Sample Rate
5Msps Sample Rate
5Msps Sample Rate
Power-Down Mode (IVDD)
Power-Down Mode (IVDDL + IOVDD)
l
l
l
l
l
3
17.1
8.1
1
2
3.8
19.6
9.6
20
250
mA
mA
mA
μA
μA
PD
Power Dissipation
Power-Down Mode
5Msps Sample Rate
Power-Down Mode (IVDD + IVDDL + IOVDD)
l
l
78
10
92
725
mW
μW
IDIFFCNV
Increase in IVDDL with Differential CNV Mode Enabled (No Increase During Power-Down)
2.1
mA
ITWOLANE
Increase in IOVDD with Two-Lane Mode Enabled (No Increase During Power-Down)
3.6
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com