Electronic Components Datasheet Search
  English  ▼

X  

LT6236 Datasheet(PDF) 1 Page - Linear Technology

Part # LT6236
Description  18-Bit, 5Msps SAR ADC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6236 Datasheet(HTML) 1 Page - Linear Technology

  LT6236 Datasheet HTML 1Page - Linear Technology LT6236 Datasheet HTML 2Page - Linear Technology LT6236 Datasheet HTML 3Page - Linear Technology LT6236 Datasheet HTML 4Page - Linear Technology LT6236 Datasheet HTML 5Page - Linear Technology LT6236 Datasheet HTML 6Page - Linear Technology LT6236 Datasheet HTML 7Page - Linear Technology LT6236 Datasheet HTML 8Page - Linear Technology LT6236 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LTC2385-18
1
238518f
For more information www.linear.com/LTC2385-18
TYPICAL APPLICATION
FEATURES
DESCRIPTION
18-Bit, 5Msps SAR ADC
The LTC®2385-18 is a low noise, high speed, 18-bit 5Msps
successive approximation register (SAR) ADC ideally
suited for a wide range of applications. The combination
of excellent linearity and wide dynamic range makes the
LTC2385-18 ideal for high speed imaging and instru-
mentation applications. No-latency operation provides a
unique solution for high speed control loop applications.
The very low distortion at high input frequencies enables
communications applications requiring wide dynamic
range and significant signal bandwidth.
To support high speed operation while minimizing the
number of data lines, the LTC2385-18 features a serial
LVDS digital interface. The LVDS interface has one-lane
and two-lane output modes, allowing the user to optimize
the interface data rate for each application.
FFT, fSMPL = 5Msps, fIN = 2kHz
APPLICATIONS
n
5Msps Throughput Rate
n
No Pipeline Delay, No Cycle Latency
n
95.7dB SNR (Typ) at fIN = 1MHz
n
101dB SFDR (Typ) at fIN = 1MHz
n
Nyquist Sampling Up to 2.5MHz Input
n
Guaranteed 18-Bit, No Missing Codes
n
±1.5LSB INL (Max)
n
8.192VP-P Differential Inputs
n
5V and 2.5V Supplies
n
Internal 20ppm/°C (Max) Reference
n
Serial LVDS Interface
n
78mW Power Dissipation
n
32-Pin (5mm × 5mm) QFN Package
n
High Speed Data Acquisition
n
Imaging
n
Communications
n
Control Loops
n
Instrumentation
n
ATE
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
Protected by U.S. Patents, including 7705765, 8232905, 8810443. Other patents are pending.
SNR = 96.2dB
THD = –117dB
SINAD = 96.1dB
SFDR = 119dB
FREQUENCY (MHz)
0
0.5
1
1.5
2
2.5
–160
–140
–120
–100
–80
–60
–40
–20
0
238518 TA02
SAMPLE
CLOCK
10µF
0.1µF
0.1µF
2.5V
5V
0.1µF
0.1µF
CLK
DCO
DA
DB
LVDS
INTERFACE
238518 TA01
IN–
IN+
680pF
24.9
24.9
GND
REFIN
REFBUF REFGND
LTC2385-18
VCM
680pF
TWOLANES
TESTPAT
PD
CNV
VDD
2.5V
0.1µF
VDDL OVDD
+
–
4.096V
0V
4.096V
0V


Similar Part No. - LT6236

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6236 LINER-LT6236 Datasheet
984Kb / 20P
14-Bit, 4.5Msps Serial Sampling ADC in TSOT
LT6236 LINER-LT6236 Datasheet
911Kb / 20P
12-Bit, 5Msps Serial Sampling ADC in TSOT
LT6236 LINER-LT6236 Datasheet
571Kb / 24P
Rail-to-Rail Output 215MHz, 1.1nV/?숰z Op Amp/SAR ADC Driver
LT6236 LINER-LT6236 Datasheet
513Kb / 22P
12-Bit, 500ksps Serial Sampling ADC in TSOT
LT6236 LINER-LT6236 Datasheet
626Kb / 22P
14-Bit, 500ksps Serial Sampling ADC in TSOT
More results

Similar Description - LT6236

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7641 AD-AD7641_15 Datasheet
673Kb / 28P
18-Bit, 2 MSPS SAR ADC
REV. 0
logo
Linear Technology
LTC6360CMS8E LINER-LTC6360CMS8E_15 Datasheet
110Kb / 2P
LTC6360 DRIVING 18 - BIT SAR ADC
LTC6362CMS8 LINER-LTC6362CMS8_15 Datasheet
109Kb / 2P
LTC6362 DRIVING 18 - BIT SAR ADC
LTC2387 LINER-LTC2387 Datasheet
665Kb / 8P
18-/16-Bit, 15Msps/10Msps/5Msps, High Speed SAR ADCs
logo
Analog Devices
AD7641 AD-AD7641_17 Datasheet
542Kb / 29P
18-Bit, 2 MSPS SAR ADC
14-Apr-2017
logo
Linear Technology
LTC2335 LINER-LTC2335 Datasheet
5Mb / 10P
16-/18-Bit, Octal 1Msps, SAR ADC
LTC2341 LINER-LTC2341 Datasheet
485Kb / 10P
16-/18-Bit, Dual 666ksps, SAR ADC
LTC2345 LINER-LTC2345 Datasheet
987Kb / 10P
16-/18-Bit, Octal 200ksps, SAR ADC
LTC2386-18 LINER-LTC2386-18 Datasheet
1Mb / 22P
18-Bit, 10Msps SAR ADC
LTC2387-18 LINER-LTC2387-18 Datasheet
1Mb / 24P
18-Bit, 15Msps SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com