Electronic Components Datasheet Search
  English  ▼

X  

LT6236 Datasheet(PDF) 5 Page - Linear Technology

Part # LT6236
Description  18-Bit, 5Msps SAR ADC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6236 Datasheet(HTML) 5 Page - Linear Technology

  LT6236 Datasheet HTML 1Page - Linear Technology LT6236 Datasheet HTML 2Page - Linear Technology LT6236 Datasheet HTML 3Page - Linear Technology LT6236 Datasheet HTML 4Page - Linear Technology LT6236 Datasheet HTML 5Page - Linear Technology LT6236 Datasheet HTML 6Page - Linear Technology LT6236 Datasheet HTML 7Page - Linear Technology LT6236 Datasheet HTML 8Page - Linear Technology LT6236 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LTC2385-18
5
238518f
For more information www.linear.com/LTC2385-18
ADC TIMING CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltage values are with respect to ground.
Note 3: When these pin voltages are taken below ground or above VDD,
VDDL or OVDD, they will be clamped by internal diodes. This product can
handle input currents up to 100mA below ground or above VDD, VDDL or
OVDD without latchup.
Note 4: When this pin voltage is taken below ground, it will be clamped by
an internal diode. When this pin voltage is taken above VDDL, it is clamped
by a diode in series with a 2k resistor. This product can handle input
currents up to 100mA below ground without latchup.
Note 5: VDD = 5V, VDDL = 2.5V, OVDD = 2.5V, fSMPL = 5MHz,
REFIN = 2.048V, single-ended CNV, one-lane output mode unless
otherwise noted.
Note 6: Recommended operating conditions.
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 5)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fSMPL
Sampling Frequency
l
0.02
5
Msps
tCONV
CNV
↑ to Output Data Ready
l
88
94
101
ns
tACQ
Acquisition Time
tCYC – 67
ns
tCYC
Time Between Conversions
l
200
50,000
ns
tCNVH
CNV High Time
(Note 13)
l
5
ns
tCNVL
CNV Low Time
(Note 13)
l
8
ns
tFIRSTCLK
CNV
↑ to First CLK↑ from the Same Conversion
(Note 13)
l
104
ns
tLASTCLK
CNV
↑ to Last CLK↓ from the Previous
Conversion
(Note 13)
l
83
ns
tCLKH
CLK High Time
l
1.25
ns
tCLKL
CLK Low Time
l
1.25
ns
tCLKDCO
CLK to DCO Delay
(Note 13)
l
0.7
1.3
2.3
ns
tCLKD
CLK to DA/DB Delay
(Note 13)
l
0.7
1.3
2.3
ns
tSKEW
DCO to DA/DB skew
tCLKD – tCLKDCO (Note 13)
l
–200
0
200
ps
tAP
Sampling Delay Time
(Note 13)
0
ns
tJITTER
Sampling Delay Jitter
(Note 13)
0.25
psRMS
Note 7: Integral nonlinearity is defined as the deviation of a code from a
straight line passing through the actual endpoints of the transfer curve.
The deviation is measured from the center of the quantization band.
Note 8: Zero-scale error is the offset voltage measured from –0.5LSB
when the output code flickers between 00 0000 0000 0000 0000 and
11 1111 1111 1111 1111. Full-scale error is the worst-case deviation of
the first and last code transitions from ideal and includes the effect of
offset error.
Note 9: When REFBUF is overdriven, the internal reference buffer must be
turned off by setting REFIN = 0V.
Note 10: All specifications in dB are referred to a full-scale ±VREFBUF
differential input.
Note 11: Temperature coefficient is calculated by dividing the maximum
change in output voltage by the specified temperature range.
Note 12: fSMPL = 5MHz, IREFBUF varies linearly with sample rate.
Note 13: Guaranteed by design, not subject to test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com