Electronic Components Datasheet Search
  English  ▼

X  

LTC2632 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2632
Description  Dual 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/째C Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2632 Datasheet(HTML) 1 Page - Linear Technology

  LTC2632 Datasheet HTML 1Page - Linear Technology LTC2632 Datasheet HTML 2Page - Linear Technology LTC2632 Datasheet HTML 3Page - Linear Technology LTC2632 Datasheet HTML 4Page - Linear Technology LTC2632 Datasheet HTML 5Page - Linear Technology LTC2632 Datasheet HTML 6Page - Linear Technology LTC2632 Datasheet HTML 7Page - Linear Technology LTC2632 Datasheet HTML 8Page - Linear Technology LTC2632 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC2644
1
2644fa
For more information www.linear.com/LTC2644
Typical applicaTion
FeaTures
DescripTion
Dual 12-/10-/8-Bit PWM
to VOUT DACs with
10ppm/°C Reference
The LTC®2644 is a family of dual 12-, 10-, and 8-bit PWM-
to-voltage output DACs with an integrated high accuracy,
lowdrift,10ppm/°Creferenceina12-leadMSOPpackage.It
hasrail-to-railoutputbuffersandisguaranteedmonotonic.
The LTC2644 measures the period and pulse width of the
PWM input signals and updates the voltage output DACs
after each corresponding PWM input rising edge. The
DAC outputs update and settle to 12-bit accuracy within
8µs typically and are capable of sourcing and sinking up
to 5mA (3V) or 10mA (5V), eliminating voltage ripple and
replacing slow analog filters and buffer amplifiers.
The LTC2644 has a full-scale output of 2.5V using the
10ppm/°Cinternalreference.Itcanoperatewithanexternal
reference, which sets the full-scale output equal to the ex-
ternal reference voltage. Each DAC enters a pin-selectable
idle state when the PWM input is held unchanged for
more than 60ms. The part operates from a single 2.7V
to 5.5V supply and supports PWM input voltages from
1.71V to 5.5V.
PWM Input to DAC Output
2-Channel PWM to Voltage Output DAC
applicaTions
n
Digital Calibration
n
Trimming and Adjustment
n
Level Setting
n
Process Control and Industrial Automation
n
Instrumentation
n
Automotive
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
ThinSOT is a trademark of Linear Technology Corporation. All other trademarks are the property
of their respective owners. Protected by U.S. Patents, including 5396245, 5859606, 6891433,
6937178, 7414561.
n
No Latency PWM-to-Voltage Conversion
n
Voltage Output Updates and Settles within 8µs
n
100kHz to 30Hz PWM Input Frequency
n
±2.5LSB Max INL; ±1LSB Max DNL (LTC2644-12)
n
Guaranteed Monotonic
n
Pin-Selectable Internal or External Reference
n
2.7V to 5.5V Supply Range
n
1.71V to 5.5V Input Voltage Range
n
Low Power: 2.7mA at 3V, <1µA Power-Down
n
Guaranteed Operation from –40°C to 125°C
n
12-Lead MSOP Package
LTC2644
PWM INPUTS
INA
INB
BUFFERED
VOLTAGE
OUTPUTS
GND
PD
0.1µF
1.7V TO 5.5V
2.7V TO 5.5V
IOVCC
VOUTA
VOUTB
GND
IDLSEL
REFSEL
REF
VCC
2644 TA01a
0.1µF
0.1µF
INPUT: 1V TO 5.5V
OUTPUT: 1.25V
20µs/DIV
2644TA01b
VOUTA
500mV/DIV
INA
2V/DIV


Similar Part No. - LTC2632

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2632 LINER-LTC2632 Datasheet
584Kb / 24P
Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2632 LINER-LTC2632 Datasheet
885Kb / 26P
16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2632 LINER-LTC2632 Datasheet
1Mb / 32P
Octal, 12-Bit Sign, 1.5Msps/Ch Simultaneous Sampling ADC
LTC2632 LINER-LTC2632 Datasheet
2Mb / 26P
Dual, 16-Bit, 2Msps Differential Input ADC with Wide Input Common Mode Range
LTC2632 LINER-LTC2632 Datasheet
1Mb / 26P
Dual, 16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
More results

Similar Description - LTC2632

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2631 LINER-LTC2631 Datasheet
354Kb / 28P
Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2640 LINER-LTC2640 Datasheet
345Kb / 24P
Single 12-/10-/8-Bit SPI VOUT DACs with 10ppm/째C Reference
LTC2633 LINER-LTC2633 Datasheet
584Kb / 24P
Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2635 LINER-LTC2635_1 Datasheet
526Kb / 32P
Quad 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2637 LINER-LTC2637_1 Datasheet
431Kb / 28P
Octal 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2632 LINER-LTC2632_15 Datasheet
1Mb / 24P
Dual 12-/10-/8-Bit SPI VOUT DACs with 10ppm/C Reference
LTC2644 LINER-LTC2644_15 Datasheet
412Kb / 20P
Dual 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/C Reference
LTC2645 LINER-LTC2645_15 Datasheet
751Kb / 20P
Quad 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/C Reference
LTC2633 LINER-LTC2633_15 Datasheet
588Kb / 24P
Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2645 LINER-LTC2645 Datasheet
758Kb / 20P
Quad 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/째C Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com