Electronic Components Datasheet Search
  English  ▼

X  

LTC2632 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC2632
Description  Dual 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/째C Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2632 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC2632 Datasheet HTML 12Page - Linear Technology LTC2632 Datasheet HTML 13Page - Linear Technology LTC2632 Datasheet HTML 14Page - Linear Technology LTC2632 Datasheet HTML 15Page - Linear Technology LTC2632 Datasheet HTML 16Page - Linear Technology LTC2632 Datasheet HTML 17Page - Linear Technology LTC2632 Datasheet HTML 18Page - Linear Technology LTC2632 Datasheet HTML 19Page - Linear Technology LTC2632 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC2644
20
2644fa
For more information www.linear.com/LTC2644
LINEAR TECHNOLOGY CORPORATION 2014
LT 0217 REV A • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LTC2644
relaTeD parTs
Typical applicaTion
PART NUMBER
DESCRIPTION
COMMENTS
LTC2645
Quad 12-/10-/8-Bit PWM to VOUT DACs with
10ppm/°C Reference
Zero Latency Bus Update, 100kHz to 30Hz Input Frequency, ±2.5LSB INL,
2.7V to 5.5V Supply Range, 16-Lead MSOP Package
LT®1991
Precision, 100µA Gain Selectable Amplifier
Gain Accuracy of 0.04%, Gains from –13 to 14, 100µA Precision Op Amp
LT1469-2
Dual 200MHz, 30V/µs 16-Bit Accurate Op Amp 200MHz Gain Bandwidth, 125µV Offset, 30V/µs Slew Rate Precision Op Amp
LTC2055
Dual Micropower Zero-Drift Op Amp
2.7V Minimum Supply Voltage, 150µA Supply Current per Amplifier,
Zero-Drift Op Amp
LTC6992
Timer Blox: Voltage-Controlled Pulse Width
Modulator (PWM)
3.8Hz to 1MHz Output Frequency Range, 0V to 1V Analog Input, < 1.7% Maximum
Frequency Error
LTC2632/LTC2633 Dual 12-/10-/8-Bit SPI/I2C VOUT DACs with
10ppm/°C Reference
±2.5LSB INL, 2.7V to 5.5V Supply Range, 10ppm/°C Reference, External REF Mode,
8-Lead ThinSOT™ Package
Figure 4. Voltage Margining Application with LTC3850 (3.3V ±10%)
SW1
BG1
PGND
ITH1
SENSE1+
MODE/PLLIN
RUN1
SENSE1–
VFB1
500kHz
TKSS1
ILM
VIN
INTVCC
PGOOD
TG1
0.1µF
1nF
0.1µF
2.2k
100k
10k
SGND
10k
0.008k
2.2µH
LTC3850EUF
2645 F04
FREQ
BOOST1
0.1µF
CMDSH-3
RJK0305DPB
RJK0301DPB
10nF
1nF
3.32k
10k
1nF
10k
100pF
4.7µF
VIN
6.5V
TO 14V
VOUT
3.3V ±10%
20k
15pF
63.4k
0.1µF
PWM TO
BINARY
LTC2644 -12
PWM TO
BINARY
DAC A
REF
IOVCC VCC IDLSEL REFSEL
DAC B
VOUTB
VOUTB = Hi-Z
FOR NO MARGINING, KEEP INA LOW. (VOUTA = Hi-Z)
TO MARGIN 10% HIGH, SET INA DUTY CYCLE TO 1/4096 (VOUTA = 0V)
TO MARGIN 10% LOW, SET INA DUTY CYCLE TO 2621/4096 (VOUTA = 1.6V)
GND
VOUTA
INB
INA
PD
5V
C3
0.1µF
C4
0.1µF
10k
143k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com