Electronic Components Datasheet Search
  English  ▼

X  

LTC2656 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2656
Description  Octal 16-Bit/12-Bit 짹10V VOUT SoftSpan DACs with 10ppm/째C Max Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2656 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2656 Datasheet HTML 9Page - Linear Technology LTC2656 Datasheet HTML 10Page - Linear Technology LTC2656 Datasheet HTML 11Page - Linear Technology LTC2656 Datasheet HTML 12Page - Linear Technology LTC2656 Datasheet HTML 13Page - Linear Technology LTC2656 Datasheet HTML 14Page - Linear Technology LTC2656 Datasheet HTML 15Page - Linear Technology LTC2656 Datasheet HTML 16Page - Linear Technology LTC2656 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LTC2666
13
2666fa
For more information www.linear.com/LTC2666
pin Functions
REFCOMP(Pin26):InternalReferenceCompensationPin.
For low noise and reference stability, tie a 0.1µF capacitor
to GND. Tying REFCOMP to GND causes the part to power
up with the internal reference disabled, allowing the use
of an external reference at start-up.
VCC (Pin 28): Analog Supply Voltage Input. 4.5V ≤ VCC ≤
5.5V. Bypass to GND with a 1µF capacitor.
OVRTMP (Pin 30): Thermal Protection Interrupt Pin. This
open-drainN-channeloutputpullslowwhenchiptempera-
ture exceeds 160°C. This pin is released on the next CS/
LD rising edge. A pull-up resistor is required.
MSP0 (Pin 31): MSPAN Bit 0. Tie this pin to VCC or GND
to select the power-on span and power-on-reset code for
all 8 channels (see Table 4).
MSP1 (Pin 32): MSPAN Bit 1. Tie this pin to VCC or GND
to select the power-on span and power-on-reset code for
all 8 channels (see Table 4).
Exposed Pad (Pin 33): Analog Negative Supply (V–). Must
be soldered to PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com