Electronic Components Datasheet Search
  English  ▼

X  

LTC2656 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2656
Description  Octal 16-Bit/12-Bit 짹10V VOUT SoftSpan DACs with 10ppm/째C Max Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2656 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2656 Datasheet HTML 17Page - Linear Technology LTC2656 Datasheet HTML 18Page - Linear Technology LTC2656 Datasheet HTML 19Page - Linear Technology LTC2656 Datasheet HTML 20Page - Linear Technology LTC2656 Datasheet HTML 21Page - Linear Technology LTC2656 Datasheet HTML 22Page - Linear Technology LTC2656 Datasheet HTML 23Page - Linear Technology LTC2656 Datasheet HTML 24Page - Linear Technology LTC2656 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTC2666
21
2666fa
For more information www.linear.com/LTC2666
operation
The LTC2666 supports three types of toggle operations:
a first in which all selected channels are toggled together
using the SPI port; a second in which all selected channels
aretoggledtogetherusinganexternalclockorlogicsignal;
and a third in which any combination of channels can be
instructed to update from either input register A or B.
Theinternaltoggle-updatecircuitisedgetriggered,soonly
transitions (of toggle bit TGB or toggle pin TGP) trigger
an update from the respective input register.
To toggle all selected channels together using the SPI port,
ensure the TGP pin is high and that the bits in the toggle
select register corresponding to the desired channels are
also high. Use the global toggle command (1101b) to
alternate codes, sequentially changing the global toggle
bit TGB (see Figure 7). Changing TGB from 1 to 0 updates
the DAC registers from their respective input registers
A. Changing TGB from 0 to 1 updates the DAC registers
from their respective input registers B. Note that in this
way up to 8 channels may be toggled with just one serial
command.
To toggle all selected channels using an external logic
signal, ensure that the TGB bit in the global toggle register
is high and that in the toggle select register, the bits cor-
responding to the desired channels are also high. Apply
a clock or logic signal to the TGP pin to alternate codes.
TGP falling edges update the DAC registers from their
associated input registers A. TGP rising edges update
the DAC registers from their associated input registers B.
Note that once the input registers are set up, all toggling
is triggered by the signal applied to the TGP pin, with no
further SPI instructions needed.
Tocauseanycombinationofchannelstoupdatefromeither
input register A or B, ensure the TGP pin is high and that
the TGB bit in the global toggle register is also high. Us-
ing the toggle select command, set the toggle select bits
as needed to select the input register (A or B) with which
each channel is to be updated. Then update all channels,
either by using the serial command (1001b) or by apply-
ing a negative pulse to the LDAC pin. Any channels whose
toggle select bits are 0 update from input register A, while
Figure 8. Simplified Toggle Block Diagram. Conceptual Only, Actual Circuit May Differ
2666 F08
TOGGLE SELECT BIT T3
16
16
0
1
16
16
UPD
WR
CS/LD
SCK
SDI
LDAC 12
TGP
TGB
17
32-BIT SHIFT REGISTER
LOGIC
TOGGLE SELECT
GLOBAL TOGGLE
BIT (TGB)
INPUT REGISTER B
(16 BIT)
INPUT REGISTER A
(16 BIT)
A/B
MUX
DAC REGISTER
16-BIT
SOFTSPAN DAC
13
14
16
LTC2666
CHANNEL 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com