Electronic Components Datasheet Search
  English  ▼

X  

LTC1606 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1606
Description  Octal, 16-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1606 Datasheet(HTML) 1 Page - Linear Technology

  LTC1606 Datasheet HTML 1Page - Linear Technology LTC1606 Datasheet HTML 2Page - Linear Technology LTC1606 Datasheet HTML 3Page - Linear Technology LTC1606 Datasheet HTML 4Page - Linear Technology LTC1606 Datasheet HTML 5Page - Linear Technology LTC1606 Datasheet HTML 6Page - Linear Technology LTC1606 Datasheet HTML 7Page - Linear Technology LTC1606 Datasheet HTML 8Page - Linear Technology LTC1606 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
LTC2345-16
1
234516f
For more information www.linear.com/LTC2345-16
Typical applicaTion
FeaTures
DescripTion
Octal, 16-Bit, 200ksps
Differential SoftSpan ADC with
Wide Input Common Mode Range
The LTC®2345-16 is a 16-bit, low noise 8-channel si-
multaneous sampling successive approximation register
(SAR) ADC with differential, wide common mode range
inputs. Operating from a 5V low voltage supply and us-
ing the internal reference and buffer, each channel of this
SoftSpanTM ADC can be independently configured on a
conversion-by-conversion basis to accept ±4.096, 0V
to 4.096V, ±2.048V, or 0V to 2.048V signals. Individual
channels may also be disabled to increase throughput on
the remaining channels.
The wide input common mode range and 102dB CMRR of
the LTC2345-16 analog inputs allow the ADC to directly
digitizeavarietyofsignals,simplifyingsignalchaindesign.
This input signal flexibility, combined with ±1.25LSB INL,
no missing codes at 16 bits, and 91dB SNR, makes the
LTC2345-16 an ideal choice for many applications requir-
ing wide dynamic range.
The LTC2345-16 supports pin-selectable SPI CMOS (1.8V
to 5V) and LVDS serial interfaces. Between one and eight
lanes of data output may be employed in CMOS mode,
allowing the user to optimize bus width and throughput.
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
SoftSpan is a trademark of Linear Technology Corporation. All other trademarks are the property
of their respective owners. Protected by U.S. Patents, including 7705765, 7961132, 8319673.
Other Patents pending.
applicaTions
n
200ksps per Channel Throughput
n
Eight Simultaneous Sampling Channels
n
±1.25LSB INL (Maximum)
n
Guaranteed 16-Bit, No Missing Codes
n
Differential, Wide Common Mode Range Inputs
n
Per-Channel SoftSpan Input Ranges:
±4.096V, 0V to 4.096V, ±2.048V, 0V to 2.048V
±5V, 0V to 5V, ±2.5V, 0V to 2.5V
n
91dB Single-Conversion SNR (Typical)
n
−113dB THD (Typical) at fIN = 2kHz
n
102dB CMRR (Typical) at fIN = 200Hz
n
Rail-to-Rail Input Overdrive Tolerance
n
Guaranteed Operation to 125°C
n
Integrated Reference and Buffer (4.096V)
n
SPI CMOS (1.8V to 5V) and LVDS Serial I/O
n
Internal Conversion Clock, No Cycle Latency
n
81mW Power Dissipation (Typical)
n
48-Lead (7mm x 7mm) QFN Package
n
Programmable Logic Controllers
n
Industrial Process Control
n
Medical Imaging
n
High Speed Data Acquisition
Integral Nonlinearity vs
Output Code and Channel
0.1µF
2.2µF
0.1µF
1.8V TO 5V
5V
SAMPLE
CLOCK
234516 TA01a
S/H
S/H
S/H
S/H
S/H
S/H
S/H
S/H
MUX
VDD
VDDLBYP OVDD
EIGHT SIMULTANEOUS
SAMPLING CHANNELS
DIFFERENTIAL INPUTS IN+/IN– WITH
WIDE INPUT COMMON MODE RANGE
5V
0V
FULLY
DIFFERENTIAL
5V
0V
BIPOLAR
5V
0V
ARBITRARY
5V
0V
UNIPOLAR
SDO0
SDO7
SCKO
SCKI
SDI
CS
BUSY
CNV
LVDS/CMOS
PD
IN0+
IN0–
IN7+
IN7–
16-BIT
SAR ADC
CMOS OR LVDS
I/O INTERFACE
0.1µF
REFIN
47µF
GND
REFBUF
LTC2345-16
±4.096V RANGE
FULLY DIFFERENTIAL DRIVE (IN– = –IN+)
ALL CHANNELS
OUTPUT CODE
–32768
–16384
0
16384
32768
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
1.00
234516 TA01b


Similar Part No. - LTC1606

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1606 LINER-LTC1606 Datasheet
169Kb / 12P
16-Bit, 250ksps, Single Supply ADC
LTC1606 LINER-LTC1606 Datasheet
200Kb / 16P
16-Bit, 250ksps, Single Supply ADC
LTC1606 LINER-LTC1606 Datasheet
205Kb / 16P
16-Bit, 250ksps, Single Supply ADC
LTC1606 LINER-LTC1606 Datasheet
2Mb / 40P
18-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC1606 LINER-LTC1606 Datasheet
1Mb / 40P
Octal, 18-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
More results

Similar Description - LTC1606

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2323-16 LINER-LTC2323-16_15 Datasheet
1Mb / 26P
Dual, 16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2321-16 LINER-LTC2321-16_15 Datasheet
1,012Kb / 26P
Dual, 16-Bit, 2Msps Differential Input ADC with Wide Input Common Mode Range
LTC2348-18 LINER-LTC2348-18_15 Datasheet
3Mb / 42P
Octal, 18-Bit, 200ksps Differential 10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2311-16 LINER-LTC2311-16 Datasheet
885Kb / 26P
16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2335-16 LINER-LTC2335-16 Datasheet
2Mb / 40P
16-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2335-18 LINER-LTC2335-18 Datasheet
2Mb / 40P
18-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2345-18 LINER-LTC2345-18 Datasheet
1Mb / 40P
Octal, 18-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
LTC2348-16 LINER-LTC2348-16 Datasheet
1Mb / 40P
Octal, 16-Bit, 200ksps Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2348-18 LINER-LTC2348-18 Datasheet
1Mb / 40P
Octal, 18-Bit, 200ksps Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2358-16 LINER-LTC2358-16 Datasheet
3Mb / 40P
Buffered Octal, 16-Bit, 200ksps/Ch Differential 짹10.24V ADC with 30VP-P Common Mode Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com