Electronic Components Datasheet Search
  English  ▼

X  

LTC1606 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1606
Description  Octal, 16-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1606 Datasheet(HTML) 5 Page - Linear Technology

  LTC1606 Datasheet HTML 1Page - Linear Technology LTC1606 Datasheet HTML 2Page - Linear Technology LTC1606 Datasheet HTML 3Page - Linear Technology LTC1606 Datasheet HTML 4Page - Linear Technology LTC1606 Datasheet HTML 5Page - Linear Technology LTC1606 Datasheet HTML 6Page - Linear Technology LTC1606 Datasheet HTML 7Page - Linear Technology LTC1606 Datasheet HTML 8Page - Linear Technology LTC1606 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
LTC2345-16
5
234516f
For more information www.linear.com/LTC2345-16
reFerence buFFer characTerisTics
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VREFBUF
Reference Buffer Output Voltage REFIN Overdriven, VREFIN = 2.048V
l
4.091
4.096
4.101
V
REFBUF Voltage Range
REFBUF Overdriven (Notes 6, 14)
l
2.5
5
V
REFBUF Input Impedance
VREFIN = 0V, Buffer Disabled
13
kΩ
IREFBUF
REFBUF Load Current
VREFBUF = 5V, 8 Channels Enabled (Notes 14, 15)
VREFBUF = 5V, Acquisition Mode (Note 14)
l
1.5
0.39
1.9
mA
mA
The l denotes the specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. (Note 8)
DigiTal inpuTs anD DigiTal ouTpuTs
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CMOS Digital Inputs and Outputs
VIH
High Level Input Voltage
l
0.8 • OVDD
V
VIL
Low Level Input Voltage
l
0.2 • OVDD
V
IIN
Digital Input Current
VIN = 0V to OVDD
l
–10
10
μA
CIN
Digital Input Capacitance
5
pF
VOH
High Level Output Voltage
IOUT = –500μA
l
OVDD – 0.2
V
VOL
Low Level Output Voltage
IOUT = 500μA
l
0.2
V
IOZ
Hi-Z Output Leakage Current
VOUT = 0V to OVDD
l
–10
10
μA
ISOURCE
Output Source Current
VOUT = 0V
–50
mA
ISINK
Output Sink Current
VOUT = OVDD
50
mA
LVDS Digital Inputs and Outputs
VID
Differential Input Voltage
l
200
350
600
mV
RID
On-Chip Input Termination
Resistance
CS = 0V, VICM = 1.2V
CS = OVDD
l
80
106
10
130
Ω
MΩ
VICM
Common-Mode Input Voltage
l
0.3
1.2
2.2
V
IICM
Common-Mode Input Current
VIN+ = VIN– = 0V to OVDD
l
–10
10
μA
VOD
Differential Output Voltage
RL = 100Ω Differential Termination
l
275
350
425
mV
VOCM
Common-Mode Output Voltage
RL = 100Ω Differential Termination
l
1.1
1.2
1.3
V
IOZ
Hi-Z Output Leakage Current
VOUT = 0V to OVDD
l
–10
10
μA
The l denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. (Note 8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com