Electronic Components Datasheet Search
  English  ▼

X  

LTC3413 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3413
Description  짹6A Monolithic Synchronous Step-Down Regulator for DDR Termination
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3413 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3413 Datasheet HTML 4Page - Linear Technology LTC3413 Datasheet HTML 5Page - Linear Technology LTC3413 Datasheet HTML 6Page - Linear Technology LTC3413 Datasheet HTML 7Page - Linear Technology LTC3413 Datasheet HTML 8Page - Linear Technology LTC3413 Datasheet HTML 9Page - Linear Technology LTC3413 Datasheet HTML 10Page - Linear Technology LTC3413 Datasheet HTML 11Page - Linear Technology LTC3413 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTC3617
8
3617fa
Functional block DiagraM
–
+
–
+
–
+
–
+
–
+
ITH SENSE
COMPARATOR
ERROR
AMPLIFIER
1.08VDDQIN/2
0.92VDDQIN/2
EXPOSED PAD
3617 BD
BANDGAP
AND
BIAS
VFB
RUN
SGND
VDDQIN
VTTR
ITH
SVIN – 0.3V
PVIN PVIN
SVIN
SYNC
RT
PGOOD
LOGIC
SW
SW
SW
SW
PGND
REVERSE CURRENT
COMPARATOR
IREV
OSCILLATOR
–
+
INTERNAL
COMPENSATION
CURRENT
SENSE
SLOPE
COMPENSATION
SOFT-START
PMOS CURRENT
COMPARATOR
ITH
LIMIT
PVIN PVIN
DRIVER
SW
SW
SW
SW
–
+
0.45V
VTTR
5
6
7
8
13
14
15
25
16
4
23
20
1
2
18
19
3
24
22
21
10
11
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com