Electronic Components Datasheet Search
  English  ▼

X  

LTC3413 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3413
Description  짹6A Monolithic Synchronous Step-Down Regulator for DDR Termination
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3413 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3413 Datasheet HTML 6Page - Linear Technology LTC3413 Datasheet HTML 7Page - Linear Technology LTC3413 Datasheet HTML 8Page - Linear Technology LTC3413 Datasheet HTML 9Page - Linear Technology LTC3413 Datasheet HTML 10Page - Linear Technology LTC3413 Datasheet HTML 11Page - Linear Technology LTC3413 Datasheet HTML 12Page - Linear Technology LTC3413 Datasheet HTML 13Page - Linear Technology LTC3413 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTC3617
10
3617fa
applications inForMation
The basic LTC3617 application circuit is shown in Figure 1.
Operating Frequency
Selection of the operating frequency is a trade-off between
efficiency and component size. High frequency operation
allows the use of smaller inductor and capacitor values.
Operation at lower frequencies improves efficiency by
reducing internal gate charge losses but requires larger
inductance values and/or capacitance to maintain low
output voltage ripple.
The operating frequency of the LTC3617 is determined
by an external resistor that is connected between the RT
pin and ground. The value of the resistor sets the ramp
current that is used to charge and discharge an internal
timing capacitor within the oscillator and can be calculated
by using the following equation:
RT =
3.82 • 1011Hz
fOSC Hz
( )
Ω – 16kΩ
Although frequencies as high as 4MHz are possible, the
minimum on-time of the LTC3617 imposes a minimum
limit on the operating duty cycle. The minimum on-time
is typically 80ns; therefore, the minimum duty cycle is
equal to 80ns • fOSC(Hz)•100%.
RUN
VDDQIN
RT
PGOOD
PGOOD
ITH
SGND
PGND
VIN
2.5V
VTTR
SVIN
LTC3617
SW
PVIN
CIN
22µF
×4
CC
680pF
L1
0.33µH
3617 F01
SYNC
VFB
COUT
100µF
VOUT
1.25V
±6A
0.1µF
VTTR
1.25V
±10mA
RC
10k
RT
365k
RPG
100k
CC1
10pF
(OPT)
Figure 1. 1.25V, ±6A at 1MHz from 2.5V
Tying the RT pin to SVIN sets the default internal operating
frequency to 2.25MHz ±20%.
Frequency Synchronization
The LTC3617’s internal oscillator can be synchronized to
an external frequency by applying a square wave clock
signal to the SYNC pin. During synchronization, the top
switch turn-on is locked to the falling edge of the external
frequency source. The synchronization frequency range
is 300kHz to 4MHz.
The frequency set by the resistor on the RT pin should be
the same as the external clock frequency to ensure the
internal oscillator properly adjusts when the clock signal
is applied or removed.
LTC3617
SVIN
VIN
SYNC
SGND
LTC3617
SVIN
fOSC
2.25MHz
fOSC
1/TP
fOSC ∝1/RT
LTC3617
SVIN
VIN
SYNC
SGND
VIN
SYNC
SGND
TP
1.2V
0.3V
3617 F02
RT
RT
RT
0.4V
RT
RT
Figure 2. Setting Switching Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com