Electronic Components Datasheet Search
  English  ▼

X  

LTC1921 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC1921
Description  Negative Voltage Hot Swap Controllers in SOT-23
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1921 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC1921 Datasheet HTML 13Page - Linear Technology LTC1921 Datasheet HTML 14Page - Linear Technology LTC1921 Datasheet HTML 15Page - Linear Technology LTC1921 Datasheet HTML 16Page - Linear Technology LTC1921 Datasheet HTML 17Page - Linear Technology LTC1921 Datasheet HTML 18Page - Linear Technology LTC1921 Datasheet HTML 19Page - Linear Technology LTC1921 Datasheet HTML 20Page - Linear Technology LTC1921 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17
4251b12f
LTC4251B/LTC4251B-1/
LTC4251B-2
APPLICATIONS INFORMATION
Figure 7. System Power-Up Timing (All Waveforms are Referenced to VEE)
Figure 8. Power-Up Timing with a Short-Pin (All Waveforms are Referenced to VEE)
13
24
5 6
7 8
9
VIN CLEARS VLKO, CHECK VUVHI <UV/0V < VOVLO, TIMER< VTMRL, GATE < VGATEL AND SENSE < VCB.
TIMER CLEARS VTMRL, CHECK GATE < VGATEL AND SENSE < VCB.
GND-VEE
UV/0V
VIN
TIMER
GATE
SENSE
VOUT
VLKO
VTMRH
VTMRL
VACL
VCB
5.8μA
5.8μA
5.8μA
INITIAL TIMING CYCLE
START-UP CYCLE
4251b12 F07
230μA
58μA
58μA
13
24
5 6
7 8
9
UV/0V CLEARS VUVHI, CHECK VIN < VLKO – VLKH, TIMER < VTMRL, GATE < VGATEL AND SENSE < VCB.
TIMER CLEARS VTMRL, CHECK GATE < VGATEL AND SENSE < VCB.
GND-VEE
UV/0V
VIN
TIMER
GATE
SENSE
VOUT
VUVHI
VLKO
VTMRH
VTMRL
VACL
VCB
5.8μA
5.8μA
5.8μA
INITIAL TIMING CYCLE
START-UP CYCLE
4251b12 F08
230μA
58μA
58μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com