Electronic Components Datasheet Search
  English  ▼

X  

LT4250 Datasheet(PDF) 14 Page - Linear Technology

Part # LT4250
Description  Negative Voltage Hot Swap Controllers in SOT-23
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4250 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT4250 Datasheet HTML 10Page - Linear Technology LT4250 Datasheet HTML 11Page - Linear Technology LT4250 Datasheet HTML 12Page - Linear Technology LT4250 Datasheet HTML 13Page - Linear Technology LT4250 Datasheet HTML 14Page - Linear Technology LT4250 Datasheet HTML 15Page - Linear Technology LT4250 Datasheet HTML 16Page - Linear Technology LT4250 Datasheet HTML 17Page - Linear Technology LT4250 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
4251b12f
LTC4251B/LTC4251B-1/
LTC4251B-2
MOSFET selection is a three-step process. First, RS is
calculated, and then the time required to charge the load
capacitance is determined. This timing, along with the
maximum short-circuit current and maximum input volt-
age defines an operating point that is checked against the
MOSFET’s SOA curve.
To begin a design, first specify the required load current
and load capacitance, IL and CL. The circuit breaker current
trip point (50mV/RS) should be set to accommodate the
maximum load current. Note that maximum input current
to a DC/DC converter is expected at VSUPPLY (MIN). RS is
given by:
RS =
40mV
IL(MAX)
(3)
where 40mV represents the guaranteed minimum circuit
breaker threshold.
During the initial charging process, the LTC4251B/
LTC4251B-1/LTC4251B-2 may operate the MOSFET in
current limit, forcing 80mV to 120mV across RS. The
minimum inrush current is given by:
IINRUSH(MIN)=
80mV
RS
(4)
Maximum short-circuit current limit is calculated using
maximum VSENSE, or:
ISHORT-CIRCUIT(MAX) =
120mV
RS
(5)
The TIMER capacitor CT must be selected based on the
slowest expected charging rate; otherwise TIMER might
time out before the load capacitor is fully charged. A value
for CT is calculated based on the maximum time it takes
the load capacitor to charge. That time is given by:
tCL CHARGE =
C• V
I
=
CL •VSUPPLY(MAX)
IINRUSH(MIN)
(6)
Substituting Equation (4) for IINRUSH(MIN) and equating
(6) with (2) gives:
CT =
CL •VSUPPLY (MAX) •RS • 230μA
(4V • 80mV)
(7)
Returning to Equation (2), the TIMER period is calcu-
lated and used in conjunction with VSUPPLY(MAX) and
ISHORT-CIRCUIT(MAX) to check the SOA curves of a prospec-
tive MOSFET.
As a numerical design example, consider a 30W load,
which requires 1A input current at 36V. If VSUPPLY(MAX) =
72V and CL = 100μF, Equation (3) gives RSENSE = 40mΩ;
Equation (7) gives CT = 207nF. To account for errors in
RSENSE, CT, TIMER current (230μA) and TIMER threshold
(4V), the calculated value should be multiplied by 1.5,
giving a nearest standard value of CT = 330nF.
If a short-circuit occurs, a current of up to 120mV/40mΩ
= 3A will flow in the MOSFET for 5.7ms as dictated by
CT = 330nF in Equation (2). The MOSFET must be selected
based on this criterion. The IRF530S can handle 100V and
3A for 10ms, and is safe to use in this application.
SUMMARY OF DESIGN FLOW
To summarize the design flow, consider the application
shown in Figure 2, which was designed for 50W:
Calculate maximum load current: 50W/36V = 1.4A; allow-
ing 83% converter efficiency, IIN (MAX) = 1.7A.
Calculate RS: from Equation (3) RS = 20mΩ.
Calculate CT: from Equation (7) CT = 150nF (including
1.5X correction factor).
Calculate TIMER period: from Equation (2) the short-circuit
time-out period is t = 2.6ms.
Calculate maximum short-circuit current: from Equation
(5) maximum short-circuit current could be as high as
120mV/20mΩ = 6A.
Consult MOSFET SOA curves: the IRF530S can handle
6A at 72V for 5ms, so it is safe to use in this application.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com