Electronic Components Datasheet Search
  English  ▼

X  

LT4250 Datasheet(PDF) 24 Page - Linear Technology

Part # LT4250
Description  Negative Voltage Hot Swap Controllers in SOT-23
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4250 Datasheet(HTML) 24 Page - Linear Technology

Back Button LT4250 Datasheet HTML 16Page - Linear Technology LT4250 Datasheet HTML 17Page - Linear Technology LT4250 Datasheet HTML 18Page - Linear Technology LT4250 Datasheet HTML 19Page - Linear Technology LT4250 Datasheet HTML 20Page - Linear Technology LT4250 Datasheet HTML 21Page - Linear Technology LT4250 Datasheet HTML 22Page - Linear Technology LT4250 Datasheet HTML 23Page - Linear Technology LT4250 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
24
4251b12f
LTC4251B/LTC4251B-1/
LTC4251B-2
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2012
LT 0112 • PRINTED IN USA
+
LTC4251B
UV/OV
TIMER
GATE
SENSE
VIN
VEE
1
2
3
4
5
6
LOAD
–48RTN
–48RTN
(SHORT PIN)
R1
402k
1%
RC
10Ω
RS
0.01Ω
R3
22Ω
R2
32.4k
1%
–48V
CT
82nF
C1
10nF
CC
22nF
CIN
1μF
CL
100μF
RIN
10k
500mW
Q1
IRF540
4251b12 TA02
PUSH-
RESET
S1
4
3
2
1
**DIODES, INC.
†RECOMMENDED FOR HARSH ENVIRONMENTS
DIN
†
DDZ13B**
+
LTC4251B-1
UV/OV
TIMER
GATE
SENSE
VIN
VEE
1
2
3
4
5
6
LOAD
–48RTN
–48RTN
(SHORT PIN)
R1
442k
1%
RC
10Ω
RS
0.02Ω
R2
34.8k
1%
–48V
CT
220nF
C1
10nF
CC
22nF
CIN
1μF
D1
BZX84C36
CL
100μF
RIN
10k
500mW
R3
31.6k
R4
22Ω
VOUT
Q1
IRF540S
4251b12 TA03
4
3
2
1
**DIODES, INC.
†RECOMMENDED FOR HARSH ENVIRONMENTS
DIN
†
DDZ13B**
RELATED PARTS
TYPICAL APPLICATIONS
PART NUMBER
DESCRIPTION
COMMENTS
LT1640AH/LT1640AL
Negative High Voltage Hot Swap Controllers in SO-8
Negative High Voltage Supplies from –10V to –80V
LT1641-1/LT1641-2
Positive High Voltage Hot Swap Controllers in SO-8
Supplies from 9V to 80V, Latched Off/Autoretry
LTC1642
Fault Protected Hot Swap Controller
3V to 16.5V, Overvoltage Protection up to 33V
LTC1921
Dual – 48V Supply and Fuse Monitor
±1V UV and ±1.5V OV Threshold Accuracy, ± 200V Transient
Protection, Drives Three Optoisolators for Status
LT4250
–48V Hot Swap Controller in SO-8
Active Current Limiting, Supplies from –20V to –80V
LTC4252B-1/
LTC4252B-2
Negative Voltage Hot Swap Controller in MSOP
Fast Active Current Limiting with Drain Accelerated Response,
Supplies from –15V
LTC4253B
Negative Voltage Hot Swap Controller with
3-Output Sequencer
Fast Active Current Limiting with Drain Accelerated Response,
Supplies from –15V
Figure 16. –48V/5A Application with Reverse SENSE Pin Limiting and Push-Reset at TIMER Pin
Figure 17. Power-Limited Circuit Breaker Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com