Electronic Components Datasheet Search
  English  ▼

X  

LT1356 Datasheet(PDF) 35 Page - Linear Technology

Part # LT1356
Description  Buffered Octal, 16-Bit, 200ksps/Ch Differential 짹10.24V ADC with 30VP-P Common Mode Range
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1356 Datasheet(HTML) 35 Page - Linear Technology

Back Button LT1356 Datasheet HTML 31Page - Linear Technology LT1356 Datasheet HTML 32Page - Linear Technology LT1356 Datasheet HTML 33Page - Linear Technology LT1356 Datasheet HTML 34Page - Linear Technology LT1356 Datasheet HTML 35Page - Linear Technology LT1356 Datasheet HTML 36Page - Linear Technology LT1356 Datasheet HTML 37Page - Linear Technology LT1356 Datasheet HTML 38Page - Linear Technology LT1356 Datasheet HTML 39Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
LTC2358-16
35
Rev A
For more information www.analog.com
Figure 20. Internal SoftSpan Configuration Register Behavior. Serial LVDS Bus Response to CS
tothedataonSDO.Wheneverpossible,itisrecommended
that rising and falling edges of SCKO be used to capture
DDR serial output data on SDO, as this will yield the best
robustness to delay variations over supply and tempera-
ture. SCKI rising and falling edges also latch SoftSpan
configuration words provided on SDI, which are used to
programtheinternal24-bitSoftSpanconfigurationregister.
See the section Programming the SoftSpan Configuration
Register in LVDS I/O Mode for further details. As shown in
Figure 20, the LVDS bus is enabled when CS is low and is
disabled and Hi-Z when CS is high, allowing the bus to be
shared across multiple devices. Due to the high speeds
involved in LVDS signaling, LVDS bus sharing must be
carefullyconsidered.Transmissionlinelimitationsimposed
by the shared bus may limit the maximum achievable bus
clock speed. LVDS inputs are internally terminated with a
100Ω differential resistor when CS is low, while outputs
must be differentially terminated with a 100Ω resistor at
the receiver (FPGA). SCKI must idle in the low state in
LVDS I/O mode, including when transitioning CS.
ThedataonSDOaregroupedinto24-bitpacketsconsisting
of a 16-bit conversion result followed by two zeros, 3-bit
analog channel ID, and 3-bit SoftSpan code, all presented
MSBfirst.AssuggestedinFigures19and20,SDOoutputs
these packets for all analog input channels in a sequential,
circular manner. For example, the first 24-bit packet output
on SDO corresponds to analog input channel 0, followed
by the packets for channels 1 through 7. The data output
on SDO then wraps back to channel 0, and this pattern
repeats indefinitely.
APPLICATIONS INFORMATION
CS
(CMOS)
PD = 0
DON’T CARE
BUSY
(CMOS)
SCKO
(LVDS)
SDO
(LVDS)
SCKI
(LVDS)
SDI
(LVDS)
DON’T CARE
DON’T CARE
DON’T CARE
235816 F20
Hi-Z
Hi-Z
CHANNEL 0 PACKET
CHANNEL 1 PACKET
CHANNEL 2 PACKET
CHANNEL3PACKET
(PARTIAL)
Hi-Z
Hi-Z
NEW SoftSpan CONFIGURATION WORD
(OVERWRITES INTERNAL CONFIG REGISTER)
TWO ALL-ZERO WORDS AND ONE PARTIAL WORD
(INTERNAL CONFIG REGISTER RETAINS CURRENT VALUE)
tEN
tDIS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com