Electronic Components Datasheet Search
  English  ▼

X  

GY-PSLM31.13 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # GY-PSLM31.13
Description  white SMT package, colored diffused resin
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GY-PSLM31.13 Datasheet(HTML) 1 Page - OSRAM GmbH

  GY-PSLM31.13 Datasheet HTML 1Page - OSRAM GmbH GY-PSLM31.13 Datasheet HTML 2Page - OSRAM GmbH GY-PSLM31.13 Datasheet HTML 3Page - OSRAM GmbH GY-PSLM31.13 Datasheet HTML 4Page - OSRAM GmbH GY-PSLM31.13 Datasheet HTML 5Page - OSRAM GmbH GY-PSLM31.13 Datasheet HTML 6Page - OSRAM GmbH GY-PSLM31.13 Datasheet HTML 7Page - OSRAM GmbH GY-PSLM31.13 Datasheet HTML 8Page - OSRAM GmbH GY-PSLM31.13 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
2018-04-16
1
2018-04-16
GY PSLM31.13
Features:
Besondere Merkmale:
•
Package: white SMT package, colored diffused
resin
•
Gehäusetyp: weißes SMT Gehäuse, farbiger
diffuser Verguss
•
Viewing angle at 50 % I
V: 120°
•
Abstrahlwinkel bei 50 % I
V: 120°
•
Luminous Flux: typ. 32.6 lm
•
Lichtstrom: typ. 32.6 lm
•
Luminous efficacy: typ. 110 lm/W
•
Lichtausbeute: typ. 110 lm/W
•
Lumen Maintenance: Testing acording to
ANSI/IES LM-80-15 in progress
•
Lichtstromerhaltung: Tests nach ANSI / IES
LM-80-15 im Gange
Applications
Anwendungen
•
Architectural lighting
•
Architekturbeleuchtung
•
Smart lighting
•
Intelligente Beleuchtung
•
Cove lighting
•
Seitenbeleuchtung
DURIS® S 5
Datasheet
Version 1.1


Similar Part No. - GY-PSLM31.13

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
GY-PSLM31-13 AMSOSRAM-GY-PSLM31-13 Datasheet
1Mb / 22P
DURIS® S 5
Version 1.5 2020-11-23
More results

Similar Description - GY-PSLM31.13

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCYW5SM-HZJZ-5E-1 OSRAM-LCYW5SM-HZJZ-5E-1 Datasheet
622Kb / 22P
white SMT package, colored diffused silicone resin
LWT773 OSRAM-LWT773 Datasheet
453Kb / 21P
white SMT package, colored diffused resin
CUW-Y3SH.B1 OSRAM-CUW-Y3SH.B1 Datasheet
591Kb / 23P
white SMT package, colored diffused silicone resin
LW-A673 OSRAM-LW-A673 Datasheet
585Kb / 23P
white SMT package, colored diffused resin
LW-M67C OSRAM-LW-M67C Datasheet
667Kb / 23P
white SMT package, colored diffused resin
LW-M673 OSRAM-LW-M673 Datasheet
648Kb / 23P
white SMT package, colored diffused resin
LW-P473 OSRAM-LW-P473 Datasheet
694Kb / 22P
white SMT package, colored diffused resin
LW-T773 OSRAM-LW-T773 Datasheet
453Kb / 21P
white SMT package, colored diffused resin
LW-Y87C OSRAM-LW-Y87C Datasheet
607Kb / 22P
white SMT package, colored diffused resin
LW-Y87S OSRAM-LW-Y87S Datasheet
445Kb / 16P
white SMT package, colored diffused resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com