Electronic Components Datasheet Search
  English  ▼

X  

GY-PSLM31.13 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # GY-PSLM31.13
Description  white SMT package, colored diffused resin
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GY-PSLM31.13 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button GY-PSLM31.13 Datasheet HTML 6Page - OSRAM GmbH GY-PSLM31.13 Datasheet HTML 7Page - OSRAM GmbH GY-PSLM31.13 Datasheet HTML 8Page - OSRAM GmbH GY-PSLM31.13 Datasheet HTML 9Page - OSRAM GmbH GY-PSLM31.13 Datasheet HTML 10Page - OSRAM GmbH GY-PSLM31.13 Datasheet HTML 11Page - OSRAM GmbH GY-PSLM31.13 Datasheet HTML 12Page - OSRAM GmbH GY-PSLM31.13 Datasheet HTML 13Page - OSRAM GmbH GY-PSLM31.13 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
2018-04-16
10
Version 1.1
GY PSLM31.13
Relative Forward Voltage 4) page 21
Relative Vorwärtsspannung 4) Seite 21
ΔVF = VF - VF(25 °C) = f(Tj); IF = 100 mA
Relative Luminous Flux 4) page 21
Relativer Lichtstrom 4) Seite 21
ΦV/ΦV(25 °C) = f(Tj); IF = 100 mA
Chromaticity Coordinate Shift 4) page 21
Farbortverschiebung 4) Seite 21
ΔCx, ΔCy = f(Tj); IF = 100 mA
GY PSLM31.13
-40 -20
0
20
40
60
80
100 120
Tj [°C]
-0,4
-0,2
0,0
0,2
0,4
∆VF [V]
GY PSLM31.13
-40 -20
0
20
40
60
80
100 120
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
Φ
v
Φ
v(25°C)
GY PSLM31.13
-40 -20
0
20
40
60
80
100 120
Tj [°C]
-0,03
-0,02
-0,01
0,00
0,01
0,02
0,03
∆Cx
∆Cy
:
∆ Cx
:
∆ Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com