Electronic Components Datasheet Search
  English  ▼

X  

LA-E63F Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LA-E63F
Description  white PLCC-4 package, colorless clear resin
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LA-E63F Datasheet(HTML) 1 Page - OSRAM GmbH

  LA-E63F Datasheet HTML 1Page - OSRAM GmbH LA-E63F Datasheet HTML 2Page - OSRAM GmbH LA-E63F Datasheet HTML 3Page - OSRAM GmbH LA-E63F Datasheet HTML 4Page - OSRAM GmbH LA-E63F Datasheet HTML 5Page - OSRAM GmbH LA-E63F Datasheet HTML 6Page - OSRAM GmbH LA-E63F Datasheet HTML 7Page - OSRAM GmbH LA-E63F Datasheet HTML 8Page - OSRAM GmbH LA-E63F Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
2017-10-12
1
2017-10-12
Power TOPLED Lens
Datasheet
Version 1.5
LA E63F
PowerTOPLED with lens, a powerful member of the
TOPLED family. Thanks to their high luminous
efficacy, the LEDs are ideal for rear light clusters and
indicators on vehicles and for display panels for traffic
control systems.
PowerTOPLED mit Linse, ein leistungsstarkes Mitglied
der TOPLED Familie. Dank der hohen Lichtausbeute
eignen sie sich ideal für Heckleuchten und Indikatoren
an Fahrzeugen und für Display-Panels in
Verkehrsleitsysteme.
Features:
Besondere Merkmale:
•
Package: white PLCC-4 package, colorless clear
resin
•
Gehäusetyp: weisses PLCC-4 Gehäuse,
farbloser klarer Verguss
•
Technology: InGaAlP Thinfilm
•
Technologie: InGaAlP Thinfilm
•
Viewing angle at 50 % I
V: 30°
•
Abstrahlwinkel bei 50 % I
V: 30°
•
Color: amber (617 nm)
•
Farbe: amber (617 nm)
•
Corrosion Robustness: Improved corrosion
robustness
•
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
•
Signaling
•
Signalanlagen
•
Backlighting
•
Hinterleuchtung
•
Automotive Lighting Interior and Exterior
•
Automobilbeleuchtung innen und außen
•
Dashboard Backlighting
•
Instrumentenbeleuchtung
•
Signal and Symbol Luminary
•
Signal- und Symbolleuchten


Similar Part No. - LA-E63F

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
LA-E63F AMSOSRAM-LA-E63F Datasheet
1Mb / 24P
Power TOPLED® Lens
Version 1.9 2024-04-04
More results

Similar Description - LA-E63F

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LY-E65F OSRAM-LY-E65F Datasheet
548Kb / 21P
white PLCC-4 package, colorless clear resin
LO-E67F OSRAM-LO-E67F Datasheet
445Kb / 20P
white PLCC-4 package, colorless clear resin
LA-E63B OSRAM-LA-E63B Datasheet
381Kb / 21P
white PLCC-4 package, colorless clear resin
LA-E65B OSRAM-LA-E65B Datasheet
532Kb / 20P
white PLCC-4 package, colorless clear resin
LA-ETSF OSRAM-LA-ETSF Datasheet
612Kb / 21P
white PLCC-4 package, colorless clear resin
LS-E63F OSRAM-LS-E63F Datasheet
378Kb / 22P
white PLCC-4 package, colorless clear resin
LS-E67F OSRAM-LS-E67F Datasheet
439Kb / 20P
white PLCC-4 package, colorless clear resin
LT-E63C OSRAM-LT-E63C Datasheet
647Kb / 22P
white PLCC-4 package, colorless clear resin
LY-E65B OSRAM-LY-E65B Datasheet
534Kb / 20P
white PLCC-4 package, colorless clear resin
LSG-T67K OSRAM-LSG-T67K Datasheet
550Kb / 18P
white PLCC-4 package, colorless clear resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com