Electronic Components Datasheet Search
  English  ▼

X  

LA-E63F Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LA-E63F
Description  white PLCC-4 package, colorless clear resin
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LA-E63F Datasheet(HTML) 5 Page - OSRAM GmbH

  LA-E63F Datasheet HTML 1Page - OSRAM GmbH LA-E63F Datasheet HTML 2Page - OSRAM GmbH LA-E63F Datasheet HTML 3Page - OSRAM GmbH LA-E63F Datasheet HTML 4Page - OSRAM GmbH LA-E63F Datasheet HTML 5Page - OSRAM GmbH LA-E63F Datasheet HTML 6Page - OSRAM GmbH LA-E63F Datasheet HTML 7Page - OSRAM GmbH LA-E63F Datasheet HTML 8Page - OSRAM GmbH LA-E63F Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Version 1.5
LA E63F
2017-10-12
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups 4) page 21
Durchlassspannungsgruppen 4) Seite 21
Dominant Wavelength Groups
3) page 21
Dominant Wellenlängengruppen
3) Seite 21
Group
Partial Flux 1) page 21
Partial Flux
Luminous Flux 7) page 21
Gruppe
Partieller Lichtfluss
1) Seite 21
Partieller Lichtfluss
Lichtstrom 7) Seite 21
(min.) E
v [lux]
(max.) E
v [lux]
(typ.) Φ
V [mlm]
EB
9000
11200
5900
FA
11200
14000
7300
FB
14000
18000
9300
GA
18000
22400
11700
GB
22400
28000
14600
Group
Gruppe
(min.) V
F [V]
(max.) V
F [V]
3A
1.90
2.05
3B
2.05
2.20
4A
2.20
2.35
4B
2.35
2.50
Group
amber
Gruppe
(min.) λdom
[nm]
(max.) λdom
[nm]
2
612
616
3
616
620
4
620
624
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com