Electronic Components Datasheet Search
  English  ▼

X  

SFH-4751 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH-4751
Description  OSTAR짰 - Lighting IR 6-fold with Optics (940nm)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4751 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH-4751 Datasheet HTML 1Page - OSRAM GmbH SFH-4751 Datasheet HTML 2Page - OSRAM GmbH SFH-4751 Datasheet HTML 3Page - OSRAM GmbH SFH-4751 Datasheet HTML 4Page - OSRAM GmbH SFH-4751 Datasheet HTML 5Page - OSRAM GmbH SFH-4751 Datasheet HTML 6Page - OSRAM GmbH SFH-4751 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SFH 4751
2009-07-10
3
Abmessungen der aktiven Chipfläche
1)
Dimension of the active chip area
L × B
L × W
2.1
× 3.2
mm²
Schaltzeiten, I
e von 10% auf 90% und von 90%
auf 10%,
I
F = 1 A, RL = 50 Ω
Switching times,
Ι
e from 10% to 90% and from
90% to 10%,
I
F = 1 A, RL = 50 Ω
t
r, tf
tbd
ns
Durchlassspannung
Forward voltage
I
F = 1 A, tp = 100 µs
V
F
9.8 (
< 12)
V
Gesamtstrahlungsfluss
Total radiant flux
I
F = 1 A, tp = 100 μs
Φ
e typ
3.1
W
Temperaturkoeffizient von I
e bzw. Φe
Temperature coefficient of I
e or Φe
I
F = 1 A, tp = 10 ms
TC
I
– 0.3
%/K
Temperaturkoeffizient von
V
F
Temperature coefficient of
V
F
I
F = 1 A, tp = 10 ms
TC
V
– 30
mV/K
Temperaturkoeffizient von
λ
Temperature coefficient of
λ
I
F = 1 A, tp = 10 ms
TCλ,centroid
+ 0.3
nm/K
1)
Die aktive Chipfläche besteht aus 6 einzelnen Chips mit je 1 x 1 mm².
The active chip area consists of 6 single chips with 1 x 1 mm² each.
Kennwerte (
T
B = 25 °C)
Characteristics (cont’d)
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com